Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 136 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 132Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 133Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 134Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 135Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 136Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 137Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 138Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 139Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 311 page
background image
Electrical characteristics
STM32L4P5xx
136/311
DS12903 Rev 2
6.1.7
Current consumption measurement
The IDD_ALL parameters given in Table 25 to Table 39 represent the total MCU consumption
including the current supplying VDD, VDDIO2, VDDA, VDDUSB and VBAT.
Figure 27. Current consumption measurement
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 18: Voltage characteristics,
Table 19: Current characteristics and Table 20: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability. Device mission profile (application conditions)
is compliant with JEDEC JESD47 qualification standard, extended mission profiles are
available on demand.
MSv45730V1
IDD_USB
VDDUSB
IDD_VBAT
VBAT
IDD
VDD
VDDIO2
IDDA
VDDA
IDD_USB
VDDUSB
IDD_VBAT
VBAT
IDD
VDD
VDDIO2
IDDA
VDDA
VDD12
SMPS
Table 18. Voltage characteristics(1)
Symbol
Ratings
Min
Max
Unit
VDDX - VSS
External main supply voltage (including VDD,
VDDA, VDDIO2, VDDUSB, VBAT, VREF+)
-0.3
4.0
V
VDD12 - VSS
External SMPS supply voltage
Range 1
-0.3
1.4
V
Range 2
-0.3
VIN(2)
Input voltage on FT_xxx pins
VSS-0.3
min (VDD, VDDA,
VDDIO2, VDDUSB)
+ 4.0(3)(4)
V
Input voltage on TT_xx pins
VSS-0.3
4.0
Input voltage on any other pins
VSS-0.3
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com