Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 137 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 133Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 134Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 135Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 136Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 137Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 138Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 139Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 140Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 311 page
background image
DS12903 Rev 2
137/311
STM32L4P5xx
Electrical characteristics
277
|∆VDDx|
Variations between different VDDX power pins
of the same domain
-50
mV
|VSSx-VSS|
Variations between all the different ground
pins(5)
-50
VREF+ - VDDA Allowed voltage difference for VREF+ > VDDA
-0.4
V
1. All main power (VDD, VDDA, VDDIO2, VDDUSB, VBAT) and ground (VSS, VSSA) pins must always be
connected to the external power supply, in the permitted range.
2. VIN maximum must always be respected. Refer to Table 19: Current characteristics for the maximum
allowed injected current values.
3. This formula has to be applied only on the power supplies related to the IO structure described in the pin
definition table.
4. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled.
5. Include VREF- pin.
Table 19. Current characteristics
Symbol
Ratings
Max
Unit
∑IVDD
Total current into sum of all VDD power lines (source)(1) (2)
1. All main power (VDD, VDDA, VDDIO2, VDDUSB, VBAT) and ground (VSS, VSSA) pins must always be
connected to the external power supplies, in the permitted range.
2. Valid also for VDD12 on SMPS package.
200
mA
∑IVSS
Total current out of sum of all VSS ground lines (sink)(1) (2)
200
IVDD(PIN)
Maximum current into each VDD power pin (source)(1)
100
IVSS(PIN)
Maximum current out of each VSS ground pin (sink)(1)
100
IIO(PIN)
Output current sunk by any I/O and control pin except FT_f
20
Output current sunk by any FT_f pin
20
Output current sourced by any I/O and control pin
20
∑IIO(PIN)
Total output current sunk by sum of all I/Os and control pins(3)
3. This current consumption must be correctly distributed over all I/Os and control pins. The total output
current must not be sunk/sourced between two consecutive power supply pins referring to high pin count
QFP packages.
100
Total output current sourced by sum of all I/Os and control pins(3)
100
IINJ(PIN)(4)
4. Positive injection (when VIN > VDDIOx) is not possible on these I/Os and does not occur for input voltages
lower than the specified maximum value.
Injected current on FT_xxx, TT_xx, RST and B pins, except PA4, PA5 -5/+0(5)
5. A negative injection is induced by VIN < VSS. IINJ(PIN) must never be exceeded. Refer also to Table 18:
Voltage characteristics for the minimum allowed input voltage values.
Injected current on PA4, PA5
-5/0
∑|IINJ(PIN)| Total injected current (sum of all I/Os and control pins)(6)
6. When several inputs are submitted to a current injection, the maximum ∑|IINJ(PIN)| is the absolute sum of
the negative injected currents (instantaneous values).
25
Table 18. Voltage characteristics(1) (continued)
Symbol
Ratings
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com