Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD7100A Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza UCD7100A
Descripción Electrónicos  UCD7100 Digital Control Compatible Single Low-Side ±4-A MOSFET Driver with Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

UCD7100A Datasheet(HTML) 3 Page - Texas Instruments

  UCD7100A Datasheet HTML 1Page - Texas Instruments UCD7100A Datasheet HTML 2Page - Texas Instruments UCD7100A Datasheet HTML 3Page - Texas Instruments UCD7100A Datasheet HTML 4Page - Texas Instruments UCD7100A Datasheet HTML 5Page - Texas Instruments UCD7100A Datasheet HTML 6Page - Texas Instruments UCD7100A Datasheet HTML 7Page - Texas Instruments UCD7100A Datasheet HTML 8Page - Texas Instruments UCD7100A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
5 Description (continued)
For fast switching speeds, the UCD7100 output stage uses the TrueDrive™ output architecture, which delivers
rated current of ±4 A into the gate of a MOSFET during the Miller plateau region of the switching transition. It
also includes a 3.3-V, 10-mA linear regulator to provide power to the digital controller.
The UCD7000 driver family is compatible with standard 3.3-V I/O ports of DSPs, Microcontrollers, or ASICs.
UCD7100 is offered in a PowerPAD™ HTSSOP-14.
6 Device Comparison Table
Table 6-1. UCD7100 Device Comparison
PART NUMBER
COMMENTS
UCD7100
Standard manufacturing flow
UCD7100A
Special manufacturing flow
7 Pin Configuration and Functions
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC − No internal connection
VDD
IN
3V3
AGND
CLF
ILIM
NC
PVDD
PVDD
OUT
OUT
PGND
PGND
CS
Figure 7-1. PWP 14 PINS Top View
Table 7-1. Pin Functions
UCD7100
PIN NAME
TYPE
FUNCTION
HTSSOP-14
PIN NO.
DFN-14 PIN
NO.
1
1
VDD
I
Supply input pin to power the driver. The UCD7K devices accept an input
range of 4.25 V to 15 V. Bypass the pin with at least 4.7 µF of capacitance.
2
2
IN
I
The IN pin is a high impedance digital input capable of accepting 3.3-V logic
level signals up to 2 MHz. There is an internal Schmitt trigger comparator
which isolates the internal circuitry from any external noise.
3
3
3V3
O
Regulated 3.3-V rail. The onboard linear voltage regulator is capable of
sourcing up to 10 mA of current. Place 0.22-µF of ceramic capacitance from
the pin to ground.
4
4
AGND
Analog ground return.
5
5
CLF
O
Current limit flag. When the CS level is greater than the ILIM voltage minus 25
mV, the output of the driver is forced low and the current limit flag (CLF) is set
high. The CLF signal is latched high until the UCD7K device receives the next
rising edge on the IN pin.
6
6
ILIM
I
Current limit threshold set pin. The current limit threshold can be set to any
value between 0.25 V and 1.0 V.
7
7
NC
No Connection.
8
8
CS
I
Current sense pin. Fast current limit comparator connected to the CS pin
is used to protect the power stage by implementing cycle-by-cycle current
limiting.
9
9
PGND
Power ground return. Connect the two PGNDs together. These ground pins
should be connected very closely to the source of the power MOSFET.
www.ti.com
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com