Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74LVC2G14DBVT.B Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza SN74LVC2G14DBVT.B
Descripción Electrónicos  SN74LVC2G14 Dual Schmitt-Trigger Inverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G14DBVT.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC2G14DBVT.B Datasheet HTML 7Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 8Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 9Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 10Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 11Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 12Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 13Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 14Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
1
2
3
6
5
4
SN74LVC2G14
VCC
2Y
1Y
1A
2A
GND
0.1µF
VDD
Unused inputs connected to
GND or VCC to prevent
floating
Keep signal traces as short as
possible
SN74LVC2G14
www.ti.com
SCES200O – APRIL 1999 – REVISED AUGUST 2015
11.2 Layout Example
Figure 6. Layout Schematic
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74LVC2G14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com