Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74LVC2G14DBVT.B Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza SN74LVC2G14DBVT.B
Descripción Electrónicos  SN74LVC2G14 Dual Schmitt-Trigger Inverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G14DBVT.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC2G14DBVT.B Datasheet HTML 6Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 7Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 8Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 9Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 10Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 11Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 12Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 13Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Frequency - MHz
0
20
40
60
80
0
1
2
3
4
5
6
7
8
9
10
D003
Icc 1.8V
Icc 2.5V
Icc 3.3V
Icc 5V
SN74LVC2G14
SCES200O – APRIL 1999 – REVISED AUGUST 2015
www.ti.com
Typical Application (continued)
9.2.3 Application Curve
Figure 5. ICC vs Frequency
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
table. Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a
single supply, TI recommends a 0.1-
μF capacitor. If there are multiple VCC pins, then TI recommends a 0.01-μF
or 0.022-
μF capacitor for each power pin. It is ok to parallel multiple bypass capacitors to reject different
frequencies of noise. 0.1-
μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor should be
installed as close to the power pin as possible for best results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices inputs should not ever float. In many cases, functions or parts of functions
of digital logic devices are unused, for example, when only two inputs of a triple-input AND gate are used or only
3 of the 4 buffer gates are used. Such input terminals should not be left unconnected because the undefined
voltages at the outside connections result in undefined operational states. The following rules must be observed
under all circumstances:
•
All unused inputs of digital logic devices must be connected to a high or low bias to prevent them from
floating.
•
The logic level that should be applied to any particular unused input depends on the function of the device.
Generally they will be tied to GND or VCC whichever make more sense or is more convenient.
10
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com