Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74LVC2G14DBVT.B Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SN74LVC2G14DBVT.B
Descripción Electrónicos  SN74LVC2G14 Dual Schmitt-Trigger Inverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G14DBVT.B Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G14DBVT.B Datasheet HTML 1Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 2Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 3Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 4Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 5Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 6Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 7Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 8Page - Texas Instruments SN74LVC2G14DBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1A
1Y
1
6
2A
2Y
3
4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
SN74LVC2G14
SCES200O – APRIL 1999 – REVISED AUGUST 2015
SN74LVC2G14 Dual Schmitt-Trigger Inverter
1 Features
3 Description
This dual Schmitt-trigger inverter is designed for
1
•
Available in the TI NanoFree™ Package
1.65-V to 5.5-V VCC operation.
•
Supports 5-V VCC Operation
NanoFree™
package
technology
is
a
major
•
Inputs Accept Voltages to 5.5 V
breakthrough in IC packaging concepts, using the die
•
Max tpd of 5.4 ns at 3.3 V
as the package.
•
Low-Power Consumption, 10-
μA Maximum ICC
The SN74LVC2G14 device contains two inverters
•
±24-mA Output Drive at 3.3 V
and performs the Boolean function Y = A. The device
•
Typical VOLP (Output Ground Bounce)
functions as two independent inverters, but because
of Schmitt action, it may have different input threshold
<0.8 V at VCC = 3.3 V, TA = 25°C
levels for positive-going (VT+) and negative-going
•
Typical VOHV (Output VOH Undershoot)
(VT–) signals.
>2 V at VCC = 3.3 V, TA = 25°C
This device is fully specified for partial-power-down
•
Ioff Supports Live Insertion, Partial-Power-Down
applications using Ioff. The Ioff circuitry disables the
Mode, and Back-Drive Protection
outputs,
preventing
damaging
current
backflow
•
Support Translation Down
through the device when it is powered down.
(5 V to 3.3 V; 3.3 V to 1.8 V)
•
Latch-Up Performance Exceeds 100 mA
Device Information(1)
Per JESD 78, Class II
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC2G14DBV
SOT-23 (6)
2.90 mm × 1.60 mm
2 Applications
SN74LVC2G14DCK
SC70 (6)
2.00 mm × 1.25 mm
SN74LVC2G14YZP
DSBGA (6)
1.41 mm × 0.91 mm
•
Body Control Modules
(1) For all available packages, see the orderable addendum at
•
Engine Control Modules
the end of the data sheet.
•
Arcade, Casino, and Gambling Machines
•
Servers and High-Performance Computing
•
EPOS, ECR, and Cash Drawer
•
Routers
•
Desktop PC
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - SN74LVC2G14DBVT.B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC2G14DBVT TI-SN74LVC2G14DBVT Datasheet
386Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DBVT TI-SN74LVC2G14DBVT Datasheet
432Kb / 14P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DBVT TI-SN74LVC2G14DBVT Datasheet
584Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DBVT TI1-SN74LVC2G14DBVT Datasheet
1Mb / 24P
Dual Schmitt-Trigger Inverter
SN74LVC2G14DBVT TI1-SN74LVC2G14DBVT Datasheet
1Mb / 24P
Dual Schmitt-Trigger Inverter
More results

Descripción similar - SN74LVC2G14DBVT.B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14 Datasheet
386Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
DUAL SCHMITT TRIGGER INVERTER
Rev 3
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
DUAL SCHMITT-TRIGGER INVERTER
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com