Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP5523TMX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza LP5523TMX/NOPB
Descripción Electrónicos  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TMX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5523TMX/NOPB Datasheet HTML 2Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 3Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 4Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 5Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 6Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 7Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 8Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 9Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
6
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
(1)
The Electrical Characteristics tables list ensured specifications under Recommended Operating Conditions except as otherwise modified
or specified by the Electrical Characteristics conditions and/or notes. Typical specifications are estimations only and are not ensured.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Minimum and maximum limits are ensured by design, test, or statistical analysis.
(4)
Turnon time is measured from the moment the charge pump is activated until the VOUT crosses 90% of its target value.
6.6 Charge Pump Electrical Characteristics
Unless otherwise noted: typical limits are for TA = 25°C; minimum and maximum limits apply over the operating ambient
temperature range (
−30°C < TA < +85°C). See
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ROUT
Charge pump output resistance
Gain = 1.5×
3.5
Ω
Gain = 1×
1
ƒSW
Switching frequency
1.25
MHz
IGND
Ground current
Gain = 1.5×
1.2
mA
Gain = 1×
0.3
tON
VOUT turnon time
(4)
VDD = 3.6 V, IOUT = 60 mA
100
µs
(1)
The Electrical Characteristics tables list ensured specifications under Recommended Operating Conditions except as otherwise modified
or specified by the Electrical Characteristics conditions and/or notes. Typical specifications are estimations only and are not ensured.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Minimum and maximum limits are ensured by design, test, or statistical analysis.
(4)
Output current accuracy is the difference between the actual value of the output current and programmed value of this current. Matching
is the maximum difference from the average. For the constant current outputs on the part (D1 to D9), the following are determined: the
maximum output current (MAX), the minimum output current (MIN), and the average output current of all outputs (AVG). Two matching
numbers are calculated: (MAX – AVG) / AVG and (AVG – MIN) / AVG. The largest number of the two (worst case) is considered the
matching figure. Note that some manufacturers have different definitions in use.
(5)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at VOUT – 1 V.
6.7 LED Driver Electrical Characteristics
Unless otherwise noted limits apply for TA = 25°C. See
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILEAKAGE
Leakage current (outputs D1
to D9)
PWM = 0%
0.1
1
µA
IMAX
Maximum source current
Outputs D1 to D9
25.5
mA
IOUT
Output current accuracy (4)
Output current set to 17.5 mA
−4%
4%
−30°C < TA < +85°C
–5%
5%
IMATCH
Matching (4)
Output current set to 17.5 mA
1%
2.5%
ƒLED
LED switching frequency
312
Hz
VSAT
Saturation voltage (5)
Output current set to 17.5 mA
45
100
mV
(1)
The Electrical Characteristics tables list ensured specifications under Recommended Operating Conditions except as otherwise modified
or specified by the Electrical Characteristics conditions and/or notes. Typical specifications are estimations only and are not ensured.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Minimum and maximum limits are ensured by design, test, or statistical analysis.
(4)
Total unadjusted error includes offset, full-scale, and linearity errors.
6.8 LED Test Electrical Characteristics
Unless otherwise noted limits apply for TA = 25°C. See
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LSB
Least significant bit
30
mV
EABS
Total unadjusted error(4)
VIN_TEST = 0 V to VDD
< ±3
±4
LSB
tCONV
Conversion time
2.7
ms
VIN_TEST
DC voltage range
0
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com