Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP5523TMX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

No. de pieza LP5523TMX/NOPB
Descripción Electrónicos  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TMX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5523TMX/NOPB Datasheet HTML 10Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 11Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 12Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 13Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
CHARGE PUMP
CURRENT
SOURCE
SATURATION
MONITOR
DIGITAL
FILTER
MODE
CONTROL
COMMAND
LOOK-AHEAD
PROGRAM
MEMORY
CONTROL
REGISTERS
COMPARATOR
VOUT
VDD
D1
TO
D6
P
W
M
VOFS
MODE
14
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Feature Description (continued)
With increased output current, the voltage drop across ROUT increases. To prevent drop in output voltage, the
voltage drop across the regulator is reduced, V’ increases, and VOUT remains at 4.5 V. When the output current
increases to the point that there is zero voltage drop across the regulator, V’ equals the input voltage, and the
output voltage is on the edge of regulation. Additional output current causes the output voltage to fall out of
regulation, so that the operation is similar to a basic open-loop 1.5× charge pump. In this mode, output current
results in output voltage drop proportional to the output resistance of the charge pump. The out-of-regulation
output voltage can be approximated by: VOUT = 1.5 × VIN – IOUT × ROUT.
7.3.5.3 Controlling The Charge Pump
The charge pump is controlled with two CP_MODE bits in MISC register (address 36H). When both of the bits
are low, the charge pump is disabled, and output voltage is pulled down with an internal 300 k
Ω (typ.) resistor.
The charge pump can be forced to bypass mode, so the battery voltage is connected directly to the current
sources; in 1.5×mode output voltage is boosted to 4.5 V. In automatic mode, charge-pump operation mode is
determined by saturation of constant current drivers, as described in LED Forward Voltage Monitoring.
7.3.5.4 LED Forward Voltage Monitoring
When the charge-pump automatic mode selection is enabled, voltages over LED drivers D1 to D6 are monitored.
(Note: Power input for current source outputs D7, D8 and D9 are internally connected to the VDD pin.) If the D1
to D6 drivers do not have enough headroom, charge-pump gain is set to 1.5×. Driver saturation monitor does not
have a fixed voltage limit, since saturation voltage is a function of temperature and current. Charge pump gain is
set to 1×, when battery voltage is high enough to supply all LEDs.
In automatic gain change mode, the charge pump is switched to bypass mode (1×), when LEDs are inactive for
over 50 ms.
7.3.5.5 Gain Change Hysteresis
Charge-pump-gain control utilizes digital filtering to prevent supply voltage disturbances (for example, the
transient voltage on the power supply during the GSM burst) from triggering unnecessary gain changes.
Hysteresis is provided to prevent periodic gain changes (which could occur due to LED driver) and charge-pump
voltage drop in 1× mode. The hysteresis of the gain change is user-configurable; default setting is factory-
programmable. Flexible configuration ensures that hysteresis can be minimized or set to desired level in each
application.
LED forward voltage monitoring and gain control block diagram is shown in Figure 15.
Figure 15. Forward Voltage Monitoring and Gain Control Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com