| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LP5523TMX/NOPB Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5523TMX/NOPB Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 61 page ![]() ack from slave start MSB Chip Addr LSB SCL ack from slave w MSB Register Addr LSB rs r MSB Data LSB stop ack from slave nack from master repeated start data from slave SDA start id =32h w ack address = 3Fh ack rs r ack address 3Fh data nack stop MSB Chip Address LSB id = 32h start MSB Chip Addr LSB w ack MSB Register Addr LSB ack MSB Data LSB ack stop ack from slave ack from slave ack from slave SCL SDA start id = 32h w ack addr = 40h ack ack address 40h data stop ADR6 bit7 ADR5 bit6 ADR4 bit5 ADR3 bit4 ADR2 bit3 ADR1 bit2 ADR0 bit1 R/W bit0 MSB LSB 0 0 0 1 1 0 1 I 2 C Slave Address (chip address) 20 LP5523 SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017 www.ti.com Product Folder Links: LP5523 Submit Documentation Feedback Copyright © 2009–2017, Texas Instruments Incorporated Programming (continued) 7.5.1.4 I2C-Compatible Chip Address ASEL0 and ASEL1 pins configure the chip address for the LP5523 as shown in Table 1. Table 1. LP5523 Chip Address Configuration ASEL1 ASEL0 ADDRESS 8-BIT HEX ADDRESS (HEX) WRITE/READ GND GND 32 64/65 GND VEN 33 66/67 VEN GND 34 68/69 VEN VEN 35 6A/6B Figure 20. LP5523 Chip Address This data pattern writes temperature information to the TEMPERATURE WRITE register (40h). Figure 21. Write Cycle (W = Write; SDA = 0), Id = Chip Address = 32h for LP5523 This data pattern reads temperature information from the TEMPERATURE READ register (3Fh). When a READ function is to be accomplished, a WRITE function must precede the READ function. Figure 22. Read Cycle (R = Read; SDA = 1), Id = Chip Address = 32h for LP5523 |