Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP5523TM/NOPB Datasheet(PDF) 47 Page - Texas Instruments

No. de pieza LP5523TM/NOPB
Descripción Electrónicos  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB Datasheet(HTML) 47 Page - Texas Instruments

Back Button LP5523TM/NOPB Datasheet HTML 43Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 44Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 45Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 46Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 47Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 48Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 49Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 50Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
47
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
NAME
VALUE (d)
DESCRIPTION
variable 2
0 - 3
Defines the variable to be used in the test:
0 = local variable A
1 = local variable B
2 = global variable C
3 = register address 3CH variable, or register address 42H value.
7.6.7 Arithmetic Instructions
LD
This instruction is used to assign a value into a variable; the previous value in that variable is overwritten. Each
of the engines have two local variables, called A and B. The variable C is a global variable.
NAME
VALUE (d)
DESCRIPTION
target variable
0 - 2
0 = variable A
1 = variable B
2 = variable C
8-bit value
0 - 255
Variable value
(1)
Valid for numerical operands.
(2)
Valid for variables.
ADD
Operator either adds 8-bit value to the current value of the target variable, or adds the value of the variable 1 (A,
B, C or D) to the value of the variable 2 (A, B, C or D) and stores the result in the register of variable A, B or C.
Variables overflow from 255 to 0.
NAME
VALUE (d)
DESCRIPTION
8-bit value(1)
0 - 255
The value to be added.
target variable
0 - 2
0 = variable A
1 = variable B
2 = variable C
variable 1(2)
0 - 3
0 = local variable A
1 = local variable B
2 = global variable C
3 = register address 3CH variable, or register address 42H value.
variable 2(2)
0 - 3
0 = local variable A
1 = local variable B
2 = global variable C
3 = register address 3CH variable, or register address 42H value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com