Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP5523TM/NOPB Datasheet(PDF) 34 Page - Texas Instruments

No. de pieza LP5523TM/NOPB
Descripción Electrónicos  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP5523TM/NOPB Datasheet HTML 30Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 31Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 32Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 33Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 34Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 35Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 36Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 37Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
34
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
3A STATUS/INTERRUPT
•
3A — Bit [7] LEDTEST_MEAS_DONE
–
This bit indicates when the LED test is done, and the result is written to the LED TEST ADC register.
Typically the conversion takes 2.7 milliseconds to complete.
–
1 = LED test done.
–
0 = LED test not done.
–
This bit is a read-only bit, and it is cleared (to 0) automatically after a read operation.
•
3A — Bit [6] MASK_BUSY
–
Mask bit for interrupts generated by STARTUP_BUSY or ENGINE_BUSY.
–
1 = Interrupt events are masked; that is, no external interrupt is generated from STARTUP_BUSY or
ENGINE_BUSY event (default).
–
0 = External interrupt are generated when STARTUP_BUSY or ENGINE_BUSY condition is no longer
true. Reading the register 3A clears the status bits [5:4] and releases INT pin to high state.
•
3A — Bit [5] STARTUP_BUSY
–
A status bit which indicates that the device is running the internal start-up sequence. See Modes Of
Operation for details.
–
1 = internal start-up sequence running Note: STARTUP_BUSY = 1 always when CHIP_EN bit is 0.
–
0 = internal start-up sequence completed
•
3A — Bit [4] ENGINE_BUSY
–
A status bit which indicates that a program execution engine is clearing internal registers. Serial bus
master should not write or read program memory, or registers 00H, 37H to 39H or 4CH to 4EH, when this
bit is set to 1.
–
1 = at least one of the engines is clearing internal registers
–
0 = engine ready
•
3A — Bit [3] EXT_CLK_USED
–
1 = external clock detected
–
0 = external clock not detected
–
This bit is high when external clock signal on CLK pin is detected. CLK_DET_EN bit high in address 36
enables the clock detection.
•
3A — Bits [2:0] ENG1_INT, ENG2_INT, ENG3_INT
–
1 = interrupt set.
–
0 = interrupt unset/cleared.
–
Interrupt bits for program execution engine 1, 2 and 3, respectively. These bits are set by END or INT
instruction. Reading the interrupt bit clears the interrupt.
3B GPO
The LP5523 has one general purpose output pin (GPO). The status of the pin can be controlled with this register.
Also, INT pin can be configured to function as a GPO by setting the bit INT_CONF. When INT is configured to
function as a GPO, output level is defined by the VDD voltage.
•
3B — Bit [2] INT_CONF
–
0 = INT pin is set to function as an interrupt pin (default).
–
1 = INT pin is configured to function as a GPO.
•
3B — Bit [1] GPO
–
0 = GPO pin state is low.
–
1 = GPO pin state is high.
–
GPO pin is a digital CMOS output, and no pulldown resistor is needed.
•
3B — Bit [0] INT_GPO
–
0 = INT pin state is low (if INT_CONF = 1).
–
1 = INT pin state is high (if INT_CONF = 1).
–
When the GPO function of the INT pin is disabled, it operates as an open drain pin. INT signal is active
low; that is, when an interrupt signal is sent, the pin is pulled to GND. External pullup resistor is needed
for proper functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com