Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP5523TM/NOPB Datasheet(PDF) 17 Page - Texas Instruments

No. de pieza LP5523TM/NOPB
Descripción Electrónicos  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5523TM/NOPB Datasheet HTML 13Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 14Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 15Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 16Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 17Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 18Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 19Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 20Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
STANDBY
RESET
INTERNAL
STARTUP
SEQUENCE
Reset Register = FF
or
POR=H
TSD = H
NORMAL MODE
EN=H (pin) and
CHIP_EN=H (bit)
EN=L (pin) or
CHIP_EN=L (bit)
POR
TSD = L
POWER SAVE
Enter power save
Exit power save
17
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Modes Of Operation
RESET
In the RESET mode all the internal registers are reset to the default values. Reset is always
entered if Reset Register (3DH) is written FFH or internal Power-On Reset is active. Power-On
Reset (POR) activates during the chip startup or when the supply voltage VDD fall below 1.5V (typ.).
Once VDD rises above 1.5V (typ.), POR deactivates, and the device continues to the STANDBY
mode. CHIP_EN control bit is low after POR by default.
STANDBY: The STANDBY mode is entered if the register bit CHIP_EN or EN pin is LOW, and Reset is not
active. This is the low-power consumption mode, when all circuit functions are disabled. Most
registers can be written in this mode if EN pin is risen to high so that control bits are effective right
after the startup (see Control Register Details).
STARTUP:
When CHIP_EN bit is written high and EN pin is high, the INTERNAL STARTUP SEQUENCE
powers up all the needed internal blocks (VREF, bias, oscillator etc.). Startup delay is 500 μs. If the
chip temperature rises too high, the Thermal shutdown (TSD) disables the chip operation, and the
chip waits in STARTUP mode until no thermal shutdown event is present.
NORMAL:
During NORMAL mode the user controls the chip using the Control Registers.
POWER SAVE: In POWER-SAVE mode analog blocks are disabled to minimize power consumption. See
Automatic Power-Save Mode for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com