| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TOP223YN Datasheet(PDF) 18 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP223YN Datasheet(HTML) 18 Page - Power Integrations, Inc. |
|
18 / 20 page ![]() Rev. G 08/16 18 TOP221-227 www.power.com B K F G C J L M E A D DIM A B C D E F G H J K L M N O P PI-1848-050602 inches .460-.480 .400-.415 .236-.260 .240 - REF. .520-.560 .028-.038 .045-.055 .090-.110 .165-.185 .045-.055 .095-.115 .015-.020 .705-.715 .146-.156 .103-.113 mm 11.68-12.19 10.16-10.54 5.99-6.60 6.10 - REF. 13.21-14.22 .71-.97 1.14-1.40 2.29-2.79 4.19-4.70 1.14-1.40 2.41-2.92 .38-.51 17.91-18.16 3.71-3.96 2.62-2.87 H N O P Notes: 1. Package dimensions conform to JEDEC specification TO-220 AB for standard flange mounted, peripheral lead package; .100 inch lead spacing (Plastic) 3 leads (issue J, March 1987). 2. Controlling dimensions are inches. 3. Pin numbers start with Pin 1, and continue from left to right when viewed from the top. 4. Dimensions shown do not include mold flash or other protrusions. Mold flash or protrusions shall not exceed .006 (.15 mm) on any side. 5. Position of terminals to be measured at a position .25 (6.35 mm) from the body. 6. All terminals are solder plated. 7. Bent lead should be 12 mil max. Plastic TO-220/3 Y03A PI-2076-081716 1 A K J1 4 L G 8 5 C N PDIP-8 (P Package) D S .004 (.10) J2 -E- -D- B -F- DIM A B C G H J1 J2 K L M N P Q Inches 0.356-0.387 0.240-0.260 0.125-0.145 0.015-0.040 0.118-0.140 0.057-0.068 0.014-0.022 0.008-0.015 0.100 BSC 0.030 (MIN) 0.300-0.320 0.300-0.390 0.300 BSC mm 9.05-9.83 6.10-6.60 3.18-3.68 0.38-1.02 3.00-3.56 1.45-1.73 0.36-0.56 0.20-0.38 2.54 BSC 0.76 (MIN) 7.62-8.13 7.62-9.91 7.62 BSC Notes: 1. Package dimensions conform to JEDEC specification MS-001-AB for standard dual in-line (DIP) package .300 inch row spacing (PLASTIC) 8 leads (issue B, 7/85). 2. Controlling dimensions are inches. 3. Dimensions shown do not include mold flash or other protrusions. Mold flash or protrusions shall not exceed .006 (.15) on any side. 4. D, E and F are reference datums on the molded body. H M P Q P08A |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |