| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TOP223YN Datasheet(PDF) 10 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP223YN Datasheet(HTML) 10 Page - Power Integrations, Inc. |
|
10 / 20 page ![]() Rev. G 08/16 10 TOP221-227 www.power.com ABSOLUTE MAXIMUM RATINGS(1,5) DRAIN Voltage .................................................. -0.3 to 700 V DRAIN Current Increase ( ∆I D) in 100 ns except during blanking time ................................................. 0.1 x I LIMIT(MAX) (2) CONTROL Voltage............................................ - 0.3 V to 9 V CONTROL Current .................................................... 100 mA Storage Temperature ........................................-65 to 150 °C Operating Junction Temperature(3) ...................-40 to 150 °C Lead Temperature(4) ...................................................260 °C Notes: 1. All voltages referenced to SOURCE, T A = 25 °C. 2. Related to transformer saturation – see Figure 13. 3. Normally limited by internal circuitry. 4. 1/16" from case for 5 seconds. 5. The Absolute Maximum Ratings specified may be applied, one at a time without causing permanent damage to the product. Exposure to Absolute Maximum Ratings for ex- tended periods of time may affect product reliability. 90 100 110 64 67 70 0.7 1.7 2.7 -21 -16 -11 -0.05 0.8 2.0 3.3 10 15 22 0.18 -2.4 -1.9 -1.2 -2 -1.5 -0.8 0.4 f OSC D MAX D MIN I B Z C I C V C(AR) CONTROL FUNCTIONS Output Frequency Maximum Duty Cycle Minimum Duty Cycle PWM Gain PWM Gain Temperature Drift External Bias Current Dynamic Impedance Dynamic Impedance Temperature Drift CONTROL Pin Charging Current Charging Current Temperature Drift kHz % % %/mA %/mA/ °C mA Ω %/ °C mA %/ °C SHUTDOWN/AUTO-RESTART Conditions (Unless Otherwise Specified) See Figure 14 SOURCE = 0 V; T J = -40 to 125 °C Min Typ Max Parameter Symbol Units I C = 4 mA, TJ = 25 °C I C = ICD1 + 0.4 mA, See Figure 10 I C = 10 mA, See Figure 10 I C = 4 mA, TJ = 25 °C See Figure 4 See Note A See Figure 4 I C = 4 mA, TJ = 25 °C See Figure 11 V C = 0 V T J = 25 °C V C = 5 V See Note A S1 open THERMAL RESISTANCE Thermal Resistance: Y Package ( θ JA) (1) ............................................. 70 °C/W ( θ JC) (2) ............................................... 2 °C/W P/G Package: ( θ JA) ............................45 °C/W (3) ; 35 °C/W(4) ( θ JC) (2) ............................................. 11 °C/W Notes: 1. Free standing with no heat sink. 2. Measured at tab closest to plastic interface or SOURCE pin. 3. Soldered to 0.36 sq. inch (232 mm2), 2 oz. (610 gm/m2) copper clad. 4. Soldered to 1 sq. inch (645 mm2), 2 oz. (610 gm/m2) copper clad. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |