Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TOP223YN Datasheet(PDF) 14 Page - Power Integrations, Inc.

No. de pieza TOP223YN
Descripción Electrónicos  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP223YN Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button TOP223YN Datasheet HTML 10Page - Power Integrations, Inc. TOP223YN Datasheet HTML 11Page - Power Integrations, Inc. TOP223YN Datasheet HTML 12Page - Power Integrations, Inc. TOP223YN Datasheet HTML 13Page - Power Integrations, Inc. TOP223YN Datasheet HTML 14Page - Power Integrations, Inc. TOP223YN Datasheet HTML 15Page - Power Integrations, Inc. TOP223YN Datasheet HTML 16Page - Power Integrations, Inc. TOP223YN Datasheet HTML 17Page - Power Integrations, Inc. TOP223YN Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Rev. G 08/16
14
TOP221-227
www.power.com
Figure 11. TOPSwitch CONTROL Pin I-V Characteristic.
Figure 10. TOPSwitch Duty Cycle Measurement.
Figure 12. Self-protection Current Limit Envelope.
PI-2031-040401
∆ID
100 ns
tLEB
DRAIN
CURRENT
0 A
Figure 13. Example of ∆I
D on Drain Current Waveform with
Saturated Transformer.
0.8
1.3
1.2
1.1
0.9
0.8
1.0
0
0
1
2
6
8
3
Time (µs)
4
5
7
0.7
0.6
0.5
0.4
0.3
0.2
0.1
ILIMIT(MAX) @ 25 ˚C
ILIMIT(MIN) @ 25 ˚C
IINIT(MIN) @ 85 VAC
IINIT(MIN) @ 265 VAC
tLEB (Blanking Time)
PI-2039-033001
DRAIN
VOLTAGE
HV
0 V
90%
10%
90%
t2
t1
D =
t1
t2
120
100
80
40
20
60
0
0
2
4
6
8
10
CONTROL Pin Voltage (V)
1
Slope
Dynamic
Impedance
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com