| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32H523VCK7TR Datasheet(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H523VCK7TR Datasheet(HTML) 49 Page - STMicroelectronics |
|
49 / 228 page ![]() DS14540 Rev 1 49/228 STM32H523xx Functional overview 57 3.34 Improved inter-integrated circuit (I3C) The I3C interface handles communication between the MCU and others, like sensors and host processor(s), all connected on an I3C bus. The peripheral implements the required features of the MIPI I3C specification v1.1. It can control I3C bus-specific sequencing, protocol, arbitration and timing, and can act as controller (formerly known as master) or as target (formerly known as slave). When acting as controller the peripheral improves the features of the I2C interface, preserving some backward compatibility: it allows an I2C target to operate on an I3C bus in legacy I2C fast-mode (Fm) or legacy I2C fast-mode plus (Fm+), provided that the latter does not perform clock stretching. The I3C peripheral can be used with DMA to off-load the CPU. Table 8. I3C peripheral controller/target features versus MIPI v1.1 Feature MIPI v1.1 When controller When target Comments I3C SDR message X X X - Legacy I2C message (Fm/Fm+) X X - Mandatory when controller, and the I3C bus is mixed with (external) legacy I2C target(s). Optional in MIPI v1.1 when target. HDR DDR message X - - Optional in MIPI v1.1 HDR-TSL/TSP, HDR-BT X - - Dynamic address assignment X X X - Static address X X - No (intended) support of I3C peripheral as a target on an I2C bus. Grouped addressing X X - Optional in MIPI v1.1 CCCs X X X Mandatory and some optional CCCs supported. Error detection and recovery X X X - In-band interrupt (with MDB) X X X - Secondary controller X X X - Hot-join mechanism X X X - Target reset X X X - Synchronous timing control X X - Optional in MIPI v1.1 Asynchronous timing control 0 X X - Asynchronous timing control 1, 2, 3 X - - Device to device tunneling X X - Multi-lane data transfer X X - Monitoring device early termination X - - |