| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IRFU6215PBF.. Datasheet(PDF) 2 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFU6215PBF.. Datasheet(HTML) 2 Page - International Rectifier |
|
2 / 11 page ![]() IRFR/U6215 2 www.irf.com Parameter Min. Typ. Max. Units Conditions V(BR)DSS Drain-to-Source Breakdown Voltage -150 ––– ––– V VGS = 0V, ID = -250µA ∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– -0.20 ––– V/°C Reference to 25°C, ID = -1mA ––– ––– 0.295 VGS = -10V, ID = -6.6A ––– ––– 0.58 VGS = -10V, ID = -6.6A TJ = 150°C VGS(th) Gate Threshold Voltage -2.0 ––– -4.0 V VDS = VGS, ID = -250µA gfs Forward Transconductance 3.6 ––– ––– S VDS = -50V, ID = -6.6A ––– ––– -25 µA VDS = -150V, VGS = 0V ––– ––– -250 VDS = -120V, VGS = 0V, TJ = 150°C Gate-to-Source Forward Leakage ––– ––– 100 nA VGS = 20V Gate-to-Source Reverse Leakage ––– ––– -100 VGS = -20V Qg Total Gate Charge ––– ––– 66 ID = -6.6A Qgs Gate-to-Source Charge ––– ––– 8.1 nC VDS = -120V Qgd Gate-to-Drain ("Miller") Charge ––– ––– 35 VGS = -10V, See Fig. 6 and 13 td(on) Turn-On Delay Time ––– 14 ––– VDD = -75V tr Rise Time ––– 36 ––– ns ID = -6.6A td(off) Turn-Off Delay Time ––– 53 ––– RG = 6.8Ω tf Fall Time ––– 37 ––– RD = 12Ω, See Fig. 10 Between lead, 6mm (0.25in.) from package and center of die contact Ciss Input Capacitance ––– 860 ––– VGS = 0V Coss Output Capacitance ––– 220 ––– pF VDS = -25V Crss Reverse Transfer Capacitance ––– 130 ––– ƒ = 1.0MHz, See Fig. 5 Electrical Characteristics @ TJ = 25°C (unless otherwise specified) nH IGSS LS Internal Source Inductance ––– 7.5 ––– RDS(on) Static Drain-to-Source On-Resistance LD Internal Drain Inductance ––– 4.5 ––– IDSS Drain-to-Source Leakage Current Parameter Min. Typ. Max. Units Conditions IS Continuous Source Current MOSFET symbol (Body Diode) ––– ––– showing the ISM Pulsed Source Current integral reverse (Body Diode) ––– ––– p-n junction diode. VSD Diode Forward Voltage ––– ––– -1.6 V TJ = 25°C, IS = -6.6A, VGS = 0V trr Reverse Recovery Time ––– 160 240 ns TJ = 25°C, IF = -6.6A Qrr Reverse RecoveryCharge ––– 1.2 1.7 µC di/dt = 100A/µs ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) Source-Drain Ratings and Characteristics A -13 -44 Notes: Starting T J = 25°C, L = 14mH RG = 25Ω, IAS = -6.6A. (See Figure 12) Repetitive rating; pulse width limited by max. junction temperature. ( See fig. 11 ) ** When mounted on 1" square PCB (FR-4 or G-10 Material ) For recommended footprint and soldering techniques refer to application note #AN-994 I SD ≤-6.6A, di/dt ≤ -620A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C Uses IRF6215 data and test conditions Pulse width ≤ 300µs; duty cycle ≤ 2%
This is applied for I-PAK, L S of D-PAK is measured between lead and center of die contact Ω S D G S D G |