Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ARS630 Datasheet(PDF) 1 Page - DFI Inc

No. de pieza ARS630
Descripción Electrónicos  15th Gen Intel® CoreTM ATX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DFI [DFI Inc]
Página de inicio  https://www.dfi.com/
Logo DFI - DFI Inc

ARS630 Datasheet(HTML) 1 Page - DFI Inc

  ARS630 Datasheet HTML 1Page - DFI Inc ARS630 Datasheet HTML 2Page - DFI Inc ARS630 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Top View
Line-out
LAN 4
DIO Conn.4 in/4 out
DIO Conn. 4 out
System Fan1
COM 1
PCI
COM 2
USB 2.0
Intel® Chipset
M.2 E key
M.2 M key
USB 2.0
COM 3/4/5/6
Front Audio
PCIe x16
S/PDIF
USB 3.2 Gen1
PCIe x4
Mic-in
VGA
2.5G
LAN3
HDMI
DP++
2.5G LAN 1/2
(R680E only)
USB 3.2
Gen2
USB 3.2
Gen1
DDR5 UDIMM
LGA 1700
12V ATX Power
CPU Fan
M.2 M key
ATX Power
System Fan2
System Fan3
Front
Panel
SATA
SPI
M.2 A key
15th Gen Intel® CoreTM
ATX
KEY FEATURES
DDR5
4K High
Resolution
Quad
Displays
Multiple
Expansion
Rich I/O
4 DDR5 UDIMM up to
192GB
Supports 4K resolution
VGA, 2 DP++, HDMI
2 PCIe x16, 4 PCIe x4,
1 PCI, 2 M.2 M key,
1 M.2 A Key(OOB),
1 M.2 E Key
4 Intel 2.5GbE, 6 COM,
4 USB 3.2 Gen2,
6 USB 3.2 Gen1,
3 USB 2.0
ARS630-W880
ARS630-Q870
Desktop
COMING SOON


Número de pieza similar - ARS630

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
ARS TSC-ARS Datasheet
340Kb / 2P
25.0 AMPS. High Current Button Rectifiers
logo
Merrimac Industries, In...
ARS-1 MERRIMAC-ARS-1 Datasheet
186Kb / 2P
VARIABLE ATTENUATORS, MANUAL
logo
Super Micro Computer, I...
ARS-111GL-DNHR-LCC SUPERMICRO-ARS-111GL-DNHR-LCC Datasheet
454Kb / 2P
GPU SuperServer ARS-111GL-DNHR-LCC
ARS-111GL-DSHR-LCC SUPERMICRO-ARS-111GL-DSHR-LCC Datasheet
533Kb / 2P
GPU SuperServer ARS-111GL-DSHR-LCC
ARS-111GL-NHR SUPERMICRO-ARS-111GL-NHR Datasheet
509Kb / 2P
GPU SuperServer ARS-111GL-NHR
More results

Descripción similar - ARS630

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSR Technology Ltd
CL630-CRM GSR-CL630-CRM Datasheet
801Kb / 2P
3rd/2nd Gen Intel짰 Xeon짰 / Intel짰 CoreTM ATX
DL631-C226 GSR-DL631-C226 Datasheet
733Kb / 2P
4th Gen Intel짰 Xeon짰 / Intel짰 CoreTM ATX
HD631-Q87 GSR-HD631-Q87 Datasheet
1Mb / 2P
4th Gen Intel짰 CoreTM ATX
HD632-H81 GSR-HD632-H81 Datasheet
526Kb / 2P
4th Gen Intel짰 CoreTM ATX
logo
DFI Inc
HM961-HM86 DFI-HM961-HM86 Datasheet
1,011Kb / 2P
4th Gen Intel CoreTM COM Express Basic
HM961-QM87 DFI-HM961-QM87 Datasheet
849Kb / 2P
4th Gen Intel CoreTM COM Express Basic
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
logo
Advantech Co., Ltd.
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com