Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ARS630 Datasheet(PDF) 2 Page - DFI Inc

No. de pieza ARS630
Descripción Electrónicos  15th Gen Intel® CoreTM ATX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DFI [DFI Inc]
Página de inicio  https://www.dfi.com/
Logo DFI - DFI Inc

ARS630 Datasheet(HTML) 2 Page - DFI Inc

  ARS630 Datasheet HTML 1Page - DFI Inc ARS630 Datasheet HTML 2Page - DFI Inc ARS630 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.dfi.com
SPECIFICATION
Model Name
ARS630-W880
ARS630-Q870
SYSTEM
Processor
15th Generation Intel® LGA 1851 Socket Processors, TDP support up to 125W
Intel® Core™ U9-285T (24 Cores, 36M Cache, up to 1.4 GHz); 35W
Intel® Core™ U9-285 (24 Cores, 36M Cache, up to 2.5 GHz); 65W
Intel® Core™ U7-265T (20 Cores, 30M Cache, up to 1.5 GHz); 35W
Intel® Core™ U7-265F (20 Cores, 30M Cache, up to 2.4 GHz); 65W
Intel® Core™ U7-265 (20 Cores, 30M Cache, up to 2.4 GHz); 65W
Intel® Core™ U5-225F (10 Cores, 20M Cache, up to 3.3 GHz); 65W
Intel® Core™ U5-225 (10 Cores, 20M Cache, up to 3.3 GHz); 65W
Chipset
Intel® W880 Chipset
Intel® Q870E Chipset
Memory
Four 288-pin UDIMM up to 192GB (ECC/Non-ECC)
Dual Channel DDR5 up to 5600 MHz
*Speed support list follow User’s Manual
Four 288-pin UDIMM up to 192GB (Non-ECC)
Dual Channel DDR5 up to 5600 MHz
*Speed support list follow User’s Manual
BIOS
AMI SPI 256Mbit
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® UHD Graphics 700 series
Intel® UHD Graphics 700 series
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG,
HEVC/H265, VP8, VP9
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG,
HEVC/H265, VP8, VP9
Display
1 x VGA
2 x DP++
1 x HDMI 2.0a
VGA: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2304 @ 60Hz
HDMI: resolution up to 4096x2160 @ 24Hz
1 x VGA
2 x DP++
1 x HDMI 2.0a
VGA: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2304 @ 60Hz
HDMI: resolution up to 4096x2160 @ 24Hz
Quad Displays VGA + 2 DP++ + HDMI
VGA + 2 DP++ + HDMI
EXPANSION
Interface
2 x PCIe x16 (Gen 5, 16 or 8+8)
1 x PCIe x4 (Gen 5, share M.2 M-key, function
selected by BIOS.)
3 x PCIe x4 (Gen 4)
1 x PCI
2 x PCIe x16 (Gen 5, 16 or 8+8)
1 x PCIe x4 (Gen 5, share M.2 M-key, function
selected by BIOS.)
3 x PCIe x4 (Gen 4)
1 x PCI
M.2
1 x M.2 M key (opt. share PCIe x4 Gen5 slot #2,
function selected by BIOS.)
1 x M.2 M key (PCIe x4 Gen4 NVMe, SATA)
1 x M.2 A key for M2-OOB
1 x M.2 E key
1 x M.2 M key (opt. share PCIe x4 Gen5 slot #2,
function selected by BIOS.)
1 x M.2 M key (PCIe x4 Gen4 NVMe, SATA)
1 x M.2 A key for M2-OOB
1 x M.2 E key
AUDIO
Audio Codec
Realtek ALC888S
Realtek ALC888S
ETHERNET
Controller
1 x Intel® I226-LM
1 x Intel® I210-AT (co-lay I226-V)
2 x Intel® I226-V
1 x Intel® I226-LM
1 x Intel® I210-AT (co-lay I226-V)
REAR I/O
Ethernet
3 x 2.5GbE (RJ-45)
1 x 1GbE (RJ-45, opt. 2.5GbE)
1 x 2.5GbE (RJ-45)
1 x 1GbE (RJ-45, opt. 2.5GbE)
USB
4 x USB 3.2 Gen 2
4 x USB 3.2 Gen 1
4 x USB 3.2 Gen 2
4 x USB 3.2 Gen 1
Display
1 x VGA
2 x DP++
1 x HDMI
1 x VGA
2 x DP++
1 x HDMI
Audio
1 x Line-out
1 x Mic-in
1 x Line-in (opt.)
1 x Line-out
1 x Mic-in
1 x Line-in (opt.)
INTERNAL I/O
Serial
2 x RS-232/422/485
4 x RS-232
2 x RS-232/422/485
4 x RS-232
USB
2 x USB 3.2 Gen1
1 x USB 2.0 Vertical Type A
2 x USB 2.0 Pin Header (2.54mm pitch)
2 x USB 3.2 Gen1
1 x USB 2.0 Vertical Type A
2 x USB 2.0 Pin Header (2.54mm pitch)
Audio
1 x Front Audio
1 x S/PDIF
1 x Front Audio
1 x S/PDIF
SATA
4 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
4 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
PS/2
1 x PS/2 (2.54mm pitch)
1 x PS/2 (2.54mm pitch)
DIO
4-IN / 8-OUT DIO
4-IN / 8-OUT DIO
eSPI
1 x eSPI
1 x eSPI
SMBus
1 x SMBus
1 x SMBus
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via Software from
1 to 255 Seconds
System Reset, Programmable via Software from
1 to 255 Seconds
SECURITY
TPM
TPM 2.0
TPM 2.0
POWER
Type
ATX
ATX
Connector
8-pin ATX 12V power
24-pin ATX power
8-pin ATX 12V power
24-pin ATX power
Consumption
TBD
TBD
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com