Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ARS630 Datasheet(PDF) 3 Page - DFI Inc

No. de pieza ARS630
Descripción Electrónicos  15th Gen Intel® CoreTM ATX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DFI [DFI Inc]
Página de inicio  https://www.dfi.com/
Logo DFI - DFI Inc

ARS630 Datasheet(HTML) 3 Page - DFI Inc

  ARS630 Datasheet HTML 1Page - DFI Inc ARS630 Datasheet HTML 2Page - DFI Inc ARS630 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © November 20, 2024 DFI Inc.
PACKING LIST
·
1 ARS630 motherboard
·
1 COM port cables (Length: 300mm, 2 x COM ports)
·
1 Serial ATA data cable (Length: 500mm)
·
1 I/O shield
·
1 M.2 screw/standoff
SPECIFICATION
Model Name
ARS630-W880
ARS630-Q870
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 11 IoT Enterprise 64-bit
Windows 10 IoT Enterprise 64-bit
Windows 11 IoT Enterprise 64-bit
Linux
Linux
Linux
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery;
-40 to 85°C without RTC Battery
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery;
-40 to 85°C without RTC Battery
Humidity
Operating: 5 to 95% RH
Storage: 5 to 95% RH
Operating: 5 to 95% RH
Storage: 5 to 95% RH
MTBF
TBD
TBD
MECHANISM
Dimensions
ATX Form Factor
305mm (12") x 244mm (9.6")
ATX Form Factor
305mm (12") x 244mm (9.6")
Height
PCB: 1.6mm
Top Side: 33.3mm
Bottom Side: 4mm
PCB: 1.6mm
Top Side: 33.3mm
Bottom Side: 4mm
CERTIFICATIONS
Certifications
CE, FCC Class B, RoHS, UKCA, KC
CE, FCC Class B, RoHS, UKCA, KC



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com