Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

C8051F337 Datasheet(PDF) 23 Page - Silicon Laboratories

No. de pieza C8051F337
Descripción Electrónicos  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button C8051F337 Datasheet HTML 19Page - Silicon Laboratories C8051F337 Datasheet HTML 20Page - Silicon Laboratories C8051F337 Datasheet HTML 21Page - Silicon Laboratories C8051F337 Datasheet HTML 22Page - Silicon Laboratories C8051F337 Datasheet HTML 23Page - Silicon Laboratories C8051F337 Datasheet HTML 24Page - Silicon Laboratories C8051F337 Datasheet HTML 25Page - Silicon Laboratories C8051F337 Datasheet HTML 26Page - Silicon Laboratories C8051F337 Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 234 page
background image
Rev. 0.2
23
C8051F336/7/8/9
1.5.
Serial Ports
The C8051F336/7/8/9 Family includes an SMBus/I2C interface, a full-duplex UART with enhanced baud
rate configuration, and an Enhanced SPI interface. Each of the serial buses is fully implemented in hard-
ware and makes extensive use of the CIP-51's interrupts, thus requiring very little CPU intervention.
1.6.
Programmable Counter Array
An on-chip Programmable Counter/Timer Array (PCA) is included in addition to the four 16-bit general pur-
pose counter/timers. The PCA consists of a dedicated 16-bit counter/timer time base with three program-
mable capture/compare modules. The PCA clock is derived from one of six sources: the system clock
divided by 12, the system clock divided by 4, Timer 0 overflows, an External Clock Input (ECI), the system
clock, or the external oscillator clock source divided by 8. The external clock source selection is useful for
real-time clock functionality, where the PCA is clocked by an external source while the internal oscillator
drives the system clock.
Each capture/compare module can be configured to operate in a variety of modes: Edge-Triggered Cap-
ture, Software Timer, High Speed Output, Pulse Width Modulator (8, 9, 10, 11, or 16-bit), or Frequency
Output. Additionally, Capture/Compare Module 2 offers watchdog timer (WDT) capabilities. Following a
system reset, Module 2 is configured and enabled in WDT mode. The PCA Capture/Compare Module I/O
and External Clock Input may be routed to Port I/O via the Digital Crossbar.
16-Bit Counter/Timer
Digital Crossbar
Port I/O
Capture/Compare
Module 1
Capture/Compare
Module 0
Capture/Compare
Module 2
PCA
CLOCK
MUX
SYSCLK/12
SYSCLK/4
Timer 0 Overflow
ECI
SYSCLK
External Clock/8
Figure 1.7. PCA Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com