Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

C8051F337 Datasheet(PDF) 97 Page - Silicon Laboratories

No. de pieza C8051F337
Descripción Electrónicos  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 Datasheet(HTML) 97 Page - Silicon Laboratories

Back Button C8051F337 Datasheet HTML 93Page - Silicon Laboratories C8051F337 Datasheet HTML 94Page - Silicon Laboratories C8051F337 Datasheet HTML 95Page - Silicon Laboratories C8051F337 Datasheet HTML 96Page - Silicon Laboratories C8051F337 Datasheet HTML 97Page - Silicon Laboratories C8051F337 Datasheet HTML 98Page - Silicon Laboratories C8051F337 Datasheet HTML 99Page - Silicon Laboratories C8051F337 Datasheet HTML 100Page - Silicon Laboratories C8051F337 Datasheet HTML 101Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 234 page
background image
SFR Definition 15.5. IT01CF: INT0/INT1 Configuration
Bit
7
6
5
4
3
2
1
0
Name
IN1PL
IN1SL[2:0]
IN0PL
IN0SL[2:0]
Type
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
1
Rev. 0.2
97
C8051F336/7/8/9
SFR Address = 0xE4
Bit
Name
Function
7
IN1PL
/INT1 Polarity.
0: /INT1 input is active low.
1: /INT1 input is active high.
6:4
IN1SL[2:0] /INT1 Port Pin Selection Bits.
These bits select which Port pin is assigned to /INT1. Note that this pin assignment is
independent of the Crossbar; /INT1 will monitor the assigned Port pin without disturb-
ing the peripheral that has been assigned the Port pin via the Crossbar. The Crossbar
will not assign the Port pin to a peripheral if it is configured to skip the selected pin.
000: Select P0.0
001: Select P0.1
010: Select P0.2
011: Select P0.3
100: Select P0.4
101: Select P0.5
110: Select P0.6
111: Select P0.7
3
IN0PL
/INT0 Polarity.
0: /INT0 input is active low.
1: /INT0 input is active high.
2:0
IN0SL[2:0] /INT0 Port Pin Selection Bits.
These bits select which Port pin is assigned to /INT0. Note that this pin assignment is
independent of the Crossbar; /INT0 will monitor the assigned Port pin without disturb-
ing the peripheral that has been assigned the Port pin via the Crossbar. The Crossbar
will not assign the Port pin to a peripheral if it is configured to skip the selected pin.
000: Select P0.0
001: Select P0.1
010: Select P0.2
011: Select P0.3
100: Select P0.4
101: Select P0.5
110: Select P0.6
111: Select P0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com