Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

C8051F337 Datasheet(PDF) 22 Page - Silicon Laboratories

No. de pieza C8051F337
Descripción Electrónicos  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button C8051F337 Datasheet HTML 18Page - Silicon Laboratories C8051F337 Datasheet HTML 19Page - Silicon Laboratories C8051F337 Datasheet HTML 20Page - Silicon Laboratories C8051F337 Datasheet HTML 21Page - Silicon Laboratories C8051F337 Datasheet HTML 22Page - Silicon Laboratories C8051F337 Datasheet HTML 23Page - Silicon Laboratories C8051F337 Datasheet HTML 24Page - Silicon Laboratories C8051F337 Datasheet HTML 25Page - Silicon Laboratories C8051F337 Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 234 page
background image
C8051F336/7/8/9
22
Rev. 0.2
be socketed. Silicon Labs' debug paradigm increases ease of use and preserves the performance of the
precision analog peripherals.
1.4.
Programmable Digital I/O and Crossbar
C8051F338/9 devices include 21 I/O pins (two byte-wide Ports and one 5-bit-wide Port). C8051F336/7
devices include 17 I/O pins (two byte-wide Ports and one 5-bit-wide Port). The C8051F336/7/8/9 Ports
behave like typical 8051 Ports with a few enhancements. Each Port pin may be configured as an analog
input or a digital I/O pin. Pins selected as digital I/Os may additionally be configured for push-pull or open-
drain output. The “weak pullups” that are fixed on typical 8051 devices may be globally disabled, providing
power saving capabilities.
The Digital Crossbar allows mapping of internal digital system resources to Port I/O pins. (See Figure 1.5.)
On-chip counter/timers, serial buses, HW interrupts, comparator output, and other digital signals in the
controller can be configured to appear on the Port I/O pins specified in the Crossbar Control registers. This
allows the user to select the exact mix of general purpose Port I/O and digital resources needed for the
particular application.
XBR0, XBR1,
PnSKIP Registers
Digital
Crossbar
Priority
Decoder
2
P0
I/O
Cells
P0.0
P0.7
8
PnMDOUT,
PnMDIN Registers
UART
Highest
Priority
Lowest
Priority
SYSCLK
2
SMBus
T0, T1
2
4
PCA
4
SPI
CP0
Outputs
2
P1
I/O
Cells
P1.0
P1.7
8
P0
(P0.0-P0.7)
(P1.0-P1.7)
8
8
P1
(P2.0-P2.3*)
4
P2
*P2.1-P2.3 only available on
QFN24 Packages
P2
I/O
Cells
P2.0
P2.3*
4
Figure 1.5. Digital Crossbar Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com