Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

24LC21A Datasheet(PDF) 11 Page - Microchip Technology

No. de pieza 24LC21A
Descripción Electrónicos  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21A Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24LC21A Datasheet HTML 7Page - Microchip Technology 24LC21A Datasheet HTML 8Page - Microchip Technology 24LC21A Datasheet HTML 9Page - Microchip Technology 24LC21A Datasheet HTML 10Page - Microchip Technology 24LC21A Datasheet HTML 11Page - Microchip Technology 24LC21A Datasheet HTML 12Page - Microchip Technology 24LC21A Datasheet HTML 13Page - Microchip Technology 24LC21A Datasheet HTML 14Page - Microchip Technology 24LC21A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
 2003 Microchip Technology Inc.
DS21160F-page 11
24LC21A
5.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a Write
command has been issued from the master, the device
initiates the internally timed write cycle. ACK polling
can be initiated immediately. This involves the master
sending a Start condition followed by the control byte
for a Write command (R/W = 0). If the device is still
busy with the write cycle, then no ACK will be returned.
If the cycle is complete, then the device will return the
ACK and the master can then proceed with the next
Read or Write command. See Figure 5-1 for the flow
diagram.
FIGURE 5-1:
ACKNOWLEDGE
POLLING FLOW
6.0
WRITE PROTECTION
When using the 24LC21A in the Bidirectional mode, the
VCLK pin can be used as a write-protect control pin.
Setting VCLK high allows normal write operations,
while setting VCLK low prevents writing to any location
in the array. Connecting the VCLK pin to VSS would
allow the 24LC21A to operate as a serial ROM,
although this configuration would prevent using the
device in the Transmit-only mode.
Did Device
Acknowledge
(ACK = 0)?
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Next
Operation
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com