Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

24LC21A Datasheet(PDF) 10 Page - Microchip Technology

No. de pieza 24LC21A
Descripción Electrónicos  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21A Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LC21A Datasheet HTML 6Page - Microchip Technology 24LC21A Datasheet HTML 7Page - Microchip Technology 24LC21A Datasheet HTML 8Page - Microchip Technology 24LC21A Datasheet HTML 9Page - Microchip Technology 24LC21A Datasheet HTML 10Page - Microchip Technology 24LC21A Datasheet HTML 11Page - Microchip Technology 24LC21A Datasheet HTML 12Page - Microchip Technology 24LC21A Datasheet HTML 13Page - Microchip Technology 24LC21A Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
24LC21A
DS21160F-page 10
 2003 Microchip Technology Inc.
FIGURE 4-1:
BYTE WRITE
FIGURE 4-2:
VCLK WRITE ENABLE TIMING
FIGURE 4-3:
PAGE WRITE
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
CONTROL
BYTE
WORD
ADDRESS
DATA
S
T
O
P
S
T
A
R
T
A
C
K
SP
A
C
K
A
C
K
VCLK
SCL
SDA
IN
VCLK
THD:STA
THD:STO
TVHST
TSPVL
SDA LINE
CONTROL
BYTE
WORD
ADDRESS
S
T
O
P
S
T
A
R
T
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
DATA n + 1
DATA n + 7
DATA (n)
P
S
VCLK
BUS ACTIVITY
MASTER
BUS ACTIVITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com