Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

24LC21A Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza 24LC21A
Descripción Electrónicos  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21A Datasheet(HTML) 5 Page - Microchip Technology

  24LC21A Datasheet HTML 1Page - Microchip Technology 24LC21A Datasheet HTML 2Page - Microchip Technology 24LC21A Datasheet HTML 3Page - Microchip Technology 24LC21A Datasheet HTML 4Page - Microchip Technology 24LC21A Datasheet HTML 5Page - Microchip Technology 24LC21A Datasheet HTML 6Page - Microchip Technology 24LC21A Datasheet HTML 7Page - Microchip Technology 24LC21A Datasheet HTML 8Page - Microchip Technology 24LC21A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2003 Microchip Technology Inc.
DS21160F-page 5
24LC21A
3.0
BIDIRECTIONAL MODE
Before the 24LC21A can be switched into the
Bidirectional mode (Figure 3-1), it must enter the
Transition mode, which is done by applying a valid
high-to-low transition on the Bidirectional mode Clock
(SCL). As soon it enters the Transition mode, it looks
for a control byte 1010 000X on the I2C™ bus, and
starts to count pulses on VCLK. Any high-to-low transi-
tion on the SCL line will reset the count. If it sees a
pulse count of 128 on VCLK while the SCL line is idle,
it will revert back to the Transmit-only mode, and
transmit its contents starting with the Most Significant
bit in address 00h. However, if it detects the control
byte on the I2C™ bus, (Figure 3-2) it will switch to the
in the Bidirectional mode. Once the device has made
the transition to the Bidirectional mode, the only way to
switch the device back to the Transmit-only mode is to
remove power from the device. The mode transition
process is shown in detail in Figure 3-3.
Once the device has switched into the Bidirectional
mode, the VCLK input is disregarded, with the
exception that a logic high level is required to enable
write capability. This mode supports a two-wire
Bidirectional data transmission protocol (I2C™). In this
protocol, a device that sends data on the bus is defined
to be the transmitter, and a device that receives data
from the bus is defined to be the receiver. The bus must
be controlled by a master device that generates the
Bidirectional mode Clock (SCL), controls access to the
bus and generates the Start and Stop conditions, while
the 24LC21A acts as the slave. Both master and slave
can operate as transmitter or receiver, but the master
device determines which mode is activated. In the
Bidirectional mode, the 24LC21A only responds to
commands for device 1010 000X.
FIGURE 3-1:
MODE TRANSITION WITH RECOVERY TO TRANSMIT-ONLY MODE
FIGURE 3-2:
SUCCESSFUL MODE TRANSITION TO BIDIRECTIONAL MODE
TVHZ
SCL
SDA
VCLK
Transmit
Only
MODE
Bidirectional
Recovery to Transmit-only mode
Bit8
(MSB of data in 00h)
VCLK count =
1
2
3
4
127 128
Transition mode with possibility to return to Transmit-only mode
Bidirectional
permanently
SCL
SDA
VCLK count =
1
2
n
0
VCLK
Transmit
Only mode
MODE
S1
0
1
0
0
00
0
ACK
n < 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com