Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

G3R40MT12K Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

No. de pieza G3R40MT12K
Descripción Electrónicos  SiC N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

G3R40MT12K Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  G3R40MT12K Datasheet HTML 1Page - Inchange Semiconductor Company Limited G3R40MT12K Datasheet HTML 2Page - Inchange Semiconductor Company Limited G3R40MT12K Datasheet HTML 3Page - Inchange Semiconductor Company Limited G3R40MT12K Datasheet HTML 4Page - Inchange Semiconductor Company Limited G3R40MT12K Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ISCF8072
eq G3R40MT12K
SiC N-Channel MOSFET
www.iscsemi.com
1
FEATURES
· Drain Current -ID= 40A@ TC=100℃
· Drain Source Voltage -VDSS= 1200V(Min)
· Static Drain-Source On-Resistance
-RDS(on) =52mΩ(Max)@VGS= 10V
APPLICATIONS
· High Voltage DC-DC Converters
· Uninterruptible Power Supply (UPS)
· Switched Mode Power Supplies
Absolute Maximum Ratings(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
1200
V
VGS
Gate-Source Voltage-Continuous
-10/+25
V
ID
Drain Current-Continuous @TC=100℃
40
A
IDM
Drain Current-Single Pulse
140
A
PD
Total Dissipation @TC=25℃
203
W
TJ
Max. Operating Junction Temperature
175
Tstg
Storage Temperature
-55~175
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
TYP.
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.74
/W


Número de pieza similar - G3R40MT12K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GeneSiC Semiconductor, ...
G3R40MT12K GENESIC-G3R40MT12K Datasheet
1Mb / 14P
Silicon Carbide MOSFET N-Channel Enhancement Mode
More results

Descripción similar - G3R40MT12K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
ISCF8001 ISC-ISCF8001 Datasheet
751Kb / 5P
SiC N-Channel MOSFET
2023-8-18
GA50JT12 ISC-GA50JT12 Datasheet
375Kb / 3P
SiC N-Channel MOSFET
2023-9-26
ISF1017 ISC-ISF1017 Datasheet
786Kb / 7P
SiC N-Channel MOSFET
ISCF8011 ISC-ISCF8011 Datasheet
874Kb / 8P
SiC N-Channel MOSFET
C3M0065100J ISC-C3M0065100J Datasheet
399Kb / 4P
SiC N-Channel MOSFET
SCT070W120G3AG ISC-SCT070W120G3AG Datasheet
1,021Kb / 7P
SiC N-Channel MOSFET
SCT20N170AG ISC-SCT20N170AG Datasheet
357Kb / 2P
SiC N-Channel MOSFET
C3M0075120K ISC-C3M0075120K Datasheet
374Kb / 4P
SiC N-Channel MOSFET
G3R450MT17D ISC-G3R450MT17D Datasheet
390Kb / 3P
SiC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com