Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

G3R40MT12K Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza G3R40MT12K
Descripción Electrónicos  SiC N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

G3R40MT12K Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  G3R40MT12K Datasheet HTML 1Page - Inchange Semiconductor Company Limited G3R40MT12K Datasheet HTML 2Page - Inchange Semiconductor Company Limited G3R40MT12K Datasheet HTML 3Page - Inchange Semiconductor Company Limited G3R40MT12K Datasheet HTML 4Page - Inchange Semiconductor Company Limited G3R40MT12K Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ISCF8072
eq G3R40MT12K
SiC N-Channel MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0, ID= 0.1mA
1200
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS= 1200V, VGS= 0
-
-
20
uA
IGSS
Gate-Body Leakage Current
VGS= -10/+25V,VDS= 0
-
-
±
100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= 10mA
2.2
-
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V, ID= 35A
-
40
52
gfs
Transconductance
VDS= 10V, ID= 33.3A
-
20
-
S
RG
Gate resistance
VAC = 25mV, f=1MHz
-
0.6
-
Ω
Ciss
Input Capacitance
VGS = 0V,
VDS = 1000V,
f = 1.0MHz,
VAC = 25mV
-
2766
-
pF
Coss
Output Capacitance
-
125
-
Crss
Reverse Transfer Capacitance
-
14
-
Qg
Total Gate Charge
VDS =800V,
ID = 33.3A,
VGS = 0/15V
-
112
-
nC
Qgs
Gate-Source Charge
-
28
-
Qgd
Gate-Drain Charge
-
51
-
EON
Turn-On Switching Energy
VDD = 800V,
ID = 20A,
VGS = -4/+15V,
RG = 2.5Ω,
L = 120uH
-
701
-
μ
J
EOFF
Turn-Off Switching Energy
-
79
-
td(on)
Turn-on Delay Time
-
13.4
-
ns
tr
Turn-on Rise Time
-
5.4
-
td(off)
Turn-off Delay Time
-
32
-
tf
Turn-off Fall Time
-
19
-
Drain - Source Body Diode Characteristics
ISD
Continuous Source Current
VGS = -5 V
-
21
-
A
ISM
Pulsed Source Current
-
140
-
VSD
Diode Forward Voltage
ISD=17A, VGS= -5V
-
4.5
-
V
trr
Reverse Recovery Time
VR =800V, ID = 33.3A,
diF/dt = 1070A /μs,
-
55
-
us
Qrr
Reverse Recovery Charge
-
288
-
uC



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com