Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M750000004 Datasheet(PDF) 109 Page - SPANSION

No. de pieza M750000004
Descripción Electrónicos  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

M750000004 Datasheet(HTML) 109 Page - SPANSION

Back Button M750000004 Datasheet HTML 105Page - SPANSION M750000004 Datasheet HTML 106Page - SPANSION M750000004 Datasheet HTML 107Page - SPANSION M750000004 Datasheet HTML 108Page - SPANSION M750000004 Datasheet HTML 109Page - SPANSION M750000004 Datasheet HTML 110Page - SPANSION M750000004 Datasheet HTML 111Page - SPANSION M750000004 Datasheet HTML 112Page - SPANSION M750000004 Datasheet HTML 113Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 129 page
background image
January 14, 2004
Am75PDL191CHHa/Am75PDL193CHHa
107
ADV ANCE
I N FO RMAT I O N
PSRAM AC CHARACTERISTICS
CE#s Timing
Figure 14.
Timing Diagram for Alternating
Between Pseudo SRAM to Flash
Note: After V
CC reaches VCC (MIn), wait 200 µs with CS#1s and CS2s high. The device will enter into normal operation.
Figure 15.
Timing Waveform of Power-up
Parameter
Description
Test Setup
All Speeds
Unit
JEDEC
Std
—t
CCR
CE#s Recover Time
—
Min
0
ns
CE#1ps
tCCR
tCCR
CE2ps
V
CC
V
CC (Min)
Min. 0 ns
CS2s
CS#1s
Power Up Mode
Normal Operation
Min. 200
µs