Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M420000055 Datasheet(PDF) 72 Page - Advanced Micro Devices

No. de pieza M420000055
Descripción Electrónicos  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

M420000055 Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button M420000055 Datasheet HTML 64Page - Advanced Micro Devices M420000055 Datasheet HTML 65Page - Advanced Micro Devices M420000055 Datasheet HTML 66Page - Advanced Micro Devices M420000055 Datasheet HTML 67Page - Advanced Micro Devices M420000055 Datasheet HTML 68Page - Advanced Micro Devices M420000055 Datasheet HTML 69Page - Advanced Micro Devices M420000055 Datasheet HTML 70Page - Advanced Micro Devices M420000055 Datasheet HTML 71Page - Advanced Micro Devices M420000055 Datasheet HTML 72Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 72 / 72 page
background image
November 1, 2002
Am42BDS640AG
71
P R E L I M INARY
REVISION SUMMARY
Revision A (May 20, 2002)
Initial release.
Revision B (November 1, 2002)
Global
R enam ed
N on- H andsh a king
t o
St anda r d
Handshaking.
Re na me d Ha nd s h a k in g E n a b l e d to R e d u c e d
Wait-state Handshaking.
Product Selector Guide
Revised with renamed speed options and added Syn-
chronous Access Time with Reduced Wait-state
Handshaking.
Added Asynchronous Access Time
Ordering Information
Revised with global changes
Revised Valid Combinations with updated ordering
information.
Trademarks
Copyright © 2002 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72