Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M420000055 Datasheet(PDF) 7 Page - Advanced Micro Devices

No. de pieza M420000055
Descripción Electrónicos  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

M420000055 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button M420000055 Datasheet HTML 3Page - Advanced Micro Devices M420000055 Datasheet HTML 4Page - Advanced Micro Devices M420000055 Datasheet HTML 5Page - Advanced Micro Devices M420000055 Datasheet HTML 6Page - Advanced Micro Devices M420000055 Datasheet HTML 7Page - Advanced Micro Devices M420000055 Datasheet HTML 8Page - Advanced Micro Devices M420000055 Datasheet HTML 9Page - Advanced Micro Devices M420000055 Datasheet HTML 10Page - Advanced Micro Devices M420000055 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
6
Am42BDS640AG
November 1, 2002
P R E L I M INARY
FLASH MEMORY BLOCK DIAGRAM
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
V
CC
Detector
State
Control
Command
Register
V
CC
VSS
VSSIO
V
IO
WE#
RESET#
WP#
ACC
CE#
OE#
DQ15–DQ0
Data
Latch
Y-Gating
Cell Matrix
A21–A0
RDY
Buffer
RDY
Burst
State
Control
Burst
Address
Counter
AVD#
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72