Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M420000055 Datasheet(PDF) 63 Page - Advanced Micro Devices

No. de pieza M420000055
Descripción Electrónicos  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

M420000055 Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button M420000055 Datasheet HTML 59Page - Advanced Micro Devices M420000055 Datasheet HTML 60Page - Advanced Micro Devices M420000055 Datasheet HTML 61Page - Advanced Micro Devices M420000055 Datasheet HTML 62Page - Advanced Micro Devices M420000055 Datasheet HTML 63Page - Advanced Micro Devices M420000055 Datasheet HTML 64Page - Advanced Micro Devices M420000055 Datasheet HTML 65Page - Advanced Micro Devices M420000055 Datasheet HTML 66Page - Advanced Micro Devices M420000055 Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
62
Am42BDS640AG
November 1, 2002
P R E L I M INARY
AC CHARACTERISTICS
Note: Breakpoints in waveforms indicate that system may alternately read array data from the “non-busy bank” while checking
the status of the program or erase operation in the “busy” bank. The system should read status twice to ensure valid information.
Figure 33.
Back-to-Back Read/Write Cycle Timings
OE#
CE#f
WE#
tOEH
Data
Addresses
AVD#
PD/30h
AAh
RA
PA/SA
tWC
tDS
tDH
tRC
tRC
tOE
tAS
tAH
tACC
tOEH
tWP
tGHWL
tOEZ
tWC
tSR/W
Last Cycle in
Program or
Sector Erase
Command Sequence
Read status (at least two cycles) in same bank
and/or array data from other bank
Begin another
write or program
command sequence
RD
RA
555h
RD
tWPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72