Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EBV-072S024SVF Datasheet(PDF) 1 Page - Inventronics Inc.

No. de pieza EBV-072S024SVF
Descripción Electrónicos  72W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-072S024SVF Datasheet(HTML) 1 Page - Inventronics Inc.

  EBV-072S024SVF Datasheet HTML 1Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 2Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 3Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 4Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 5Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 6Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 7Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 / 8
Specifications are subject to changes without notice.
72W Constant Voltage IP67 Driver
EBV-072SxxxSVF
Rev. B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Features
Description
The EBV-072SxxxSVF series is a 72W, constant-voltage IP67 LED driver that operates from 176-305 Vac input
with excellent power factor. It is created for many lighting applications including architectural, decorative and
signage, etc. The high efficiency of the driver and compact metal case enable them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, over current, output over voltage, short circuit, and over temperature.
Models
Output
Voltage
Input
Voltage
Range (1)
Output
Current
Range
Max.
Output
Power(2)
Typical
Efficiency
(3)
Power
Factor
Model Number
220Vac
24 V
176 ~ 305 Vac
190 ~ 250 Vdc
0 ~ 3.0 A
72 W
88.5%
0.96
EBV-072S024SVF
36 V
176 ~ 305 Vac
190 ~ 250 Vdc
0 ~ 2.0 A
72 W
89.5%
0.96
EBV-072S036SVF
48 V
176 ~ 305 Vac
190 ~ 250 Vdc
0 ~ 1.5 A
72 W
91.0%
0.96
EBV-072S048SVF
Notes:
(1) CCC certified input voltage range: 220/230/240 Vac; other certified input voltage range except CCC: 200-240
Vac.
(2) Operating input voltage range: 90-305Vac, and 90-176Vac is for safety operation (see below “Derating” curve
for details)
(3) Measured at 100% load and 220Vac input (see below “General Specifications” for details).
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input Voltage
176 Vac
-
305 Vac
190 ~ 250 Vdc
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.70 mA
IEC60598-1; 240Vac/60Hz

Input AC Current
-
-
0.42 A
Measured at 100% load and 220Vac input.
Inrush Current(I
2t)
-
-
0.03 A
2s
At 220Vac input, 25
C cold start,
duration=1.6 μs, 10%Ipk-10%Ipk. See
Inrush Current Waveform for the details.
High Efficiency (up to 91%)
Constant Voltage Output
Input Surge Protection: DM 4kV, CM 6kV
All-Around Protection: OCP, OVP, OTP, SCP
Waterproof (IP67)
SELV Output
5 Years Warranty


Número de pieza similar - EBV-072S024SVF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inventronics Inc.
EBV-075S024SV INVENTRONICS-EBV-075S024SV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
EBV-075S036SV INVENTRONICS-EBV-075S036SV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
EBV-075S048SV INVENTRONICS-EBV-075S048SV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
EBV-075SXXXSV INVENTRONICS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
More results

Descripción similar - EBV-072S024SVF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Phihong USA Inc.
PDA072X-24VG PHIHONG-PDA072X-24VG Datasheet
154Kb / 3P
72W Constant Voltage LED Driver Outdoor Lighting
logo
Inventronics Inc.
DS-EBV-036SXXXSVF INVENTRONICS-DS-EBV-036SXXXSVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-200SXXXSV INVENTRONICS-DS-EBV-200SXXXSV Datasheet
682Kb / 10P
200W Constant Voltage IP67 Driver
Rev. B
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
DS-EBV-400SXXXSV INVENTRONICS-DS-EBV-400SXXXSV Datasheet
523Kb / 10P
400W Constant Voltage IP67 Driver
Rev. D
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-250SXXXSV INVENTRONICS-EUV-250SXXXSV Datasheet
401Kb / 10P
250W Constant Voltage IP67 Driver
Rev. N
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
ESV-150SXXXST INVENTRONICS-ESV-150SXXXST Datasheet
243Kb / 7P
150W Constant Voltage IP67 Driver
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com