Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EBV-072S024SVF Datasheet(PDF) 7 Page - Inventronics Inc.

No. de pieza EBV-072S024SVF
Descripción Electrónicos  72W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-072S024SVF Datasheet(HTML) 7 Page - Inventronics Inc.

  EBV-072S024SVF Datasheet HTML 1Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 2Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 3Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 4Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 5Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 6Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 7Page - Inventronics Inc. EBV-072S024SVF Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 / 8
Specifications are subject to changes without notice.
72W Constant Voltage IP67 Driver
EBV-072SxxxSVF
Rev. B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Mechanical Outline
Unspecified tolerance:±1
PROJ:
AC/L (BROWN)
AC/N (BLUE)
GND (YELLOW/GREEN)
V- (BLUE)
V+ (BROWN)
INPUT (H05RN-F 3*1mm2 7.2 )
OUTPUT (H05RN-F 2*1mm2 6.8)
Tc
RoHS Compliance
Our products comply with reference to RoHS Directive (EU) 2015/863 amending 2011/65/EU, calling for the
elimination of lead and other hazardous substances from electronic products.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com