Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EBV-075S048SV Datasheet (PDF) - Inventronics Inc.

EBV-075S048SV Datasheet PDF - Inventronics Inc.
No. de pieza EBV-075S048SV
Descarga  EBV-075S048SV Descarga
Tamaño del archivo   877.0 Kbytes
Page   8 Pages
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Descripción Electrónicos 75W Constant Voltage IP67 Driver

EBV-075S048SV Datasheet (PDF)

Go To PDF Page Descarga Datasheet
EBV-075S048SV Datasheet PDF - Inventronics Inc.

No. de pieza EBV-075S048SV
Descarga  EBV-075S048SV Click to download

Tamaño del archivo   877.0 Kbytes
Page   8 Pages
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Descripción Electrónicos 75W Constant Voltage IP67 Driver

EBV-075S048SV Datasheet (HTML) - Inventronics Inc.


EBV-075S048SV Detalles de producto

Features
Description
The EBV-075SxxxSV series is a 75W, constant-voltage IP67 LED driver that operates from 176-305 Vac input
with excellent power factor. It is created for many lighting applications including architectural, decorative and
signage. The high efficiency of the driver and compact metal case enables them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, over current, output over voltage, short circuit, and over temperature.
 High Efficiency (up to 90%)
 Constant Voltage Output
 No-Load Power < 0.5 W
 Input Surge Protection: 4kV line-line, 6kV line-earth
 All-Around Protection: OCP, OVP, SCP, OTP
 Waterproof (IP67)
 SELV Output
 Suitable for Independent Use
 5 Years Warranty




Número de pieza similar - EBV-075S048SV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inventronics Inc.
EBV-072S024SVF INVENTRONICS-EBV-072S024SVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
EBV-072S036SVF INVENTRONICS-EBV-072S036SVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
EBV-072S048SVF INVENTRONICS-EBV-072S048SVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
EBV-072SXXXSVF INVENTRONICS-EBV-072SXXXSVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
More results


Descripción similar - EBV-075S048SV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inventronics Inc.
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
EUK-075SXXXDVTV INVENTRONICS-EUK-075SXXXDVTV Datasheet
801Kb / 13P
75W Programmable IP67 Driver
Rev. D
EUK-075SXXXDT INVENTRONICS-EUK-075SXXXDT Datasheet
1Mb / 13P
75W Programmable IP67 Driver
Rev. C
EBC-075SXXXSV-000X INVENTRONICS-EBC-075SXXXSV-000X Datasheet
199Kb / 8P
75W Constant Current IP67 Driver
Rev. D
EBD-075SXXXDV INVENTRONICS-EBD-075SXXXDV Datasheet
1Mb / 12P
75W Programmable IP67 Driver
Rev. D
ESC-075SXXXDT INVENTRONICS-ESC-075SXXXDT Datasheet
540Kb / 8P
75W Constant Current IP67 Driver
Rev. K
EUC-075S070DD INVENTRONICS-EUC-075S070DD Datasheet
870Kb / 9P
75W Class II Constant Current IP67 Driver
Rev. E
EUC-075S070DVY INVENTRONICS-EUC-075S070DVY Datasheet
586Kb / 9P
75W Constant Current IP67 Driver for Extreme Cold
Rev. B
EUC-075SXXXDT INVENTRONICS-EUC-075SXXXDT Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
EUC-075SXXXDV INVENTRONICS-EUC-075SXXXDV Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com