Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMN2120UFCL Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza DMN2120UFCL
Descripción Electrónicos  20V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2120UFCL Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2120UFCL Datasheet HTML 1Page - Diodes Incorporated DMN2120UFCL Datasheet HTML 2Page - Diodes Incorporated DMN2120UFCL Datasheet HTML 3Page - Diodes Incorporated DMN2120UFCL Datasheet HTML 4Page - Diodes Incorporated DMN2120UFCL Datasheet HTML 5Page - Diodes Incorporated DMN2120UFCL Datasheet HTML 6Page - Diodes Incorporated DMN2120UFCL Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN2120UFCL
Document number: DS40585 Rev. 3 - 2
1 of 7
www.diodes.com
July 2019
© Diodes Incorporated
DMN2120UFCL
Pin 1
20V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
20V
100m
Ω @ VGS = 4.5V
1.8A
140m
Ω @ VGS = 2.5V
1.5A
Description
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
Applications
Power Management Functions
Load Switch
Features and Benefits
Typical Off Board Profile of 0.6mm - Ideally Suited for Thin
Applications
Low RDS(ON) – Minimizes Conduction Losses
PCB Footprint of 2.56mm
2
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: U-DFN1616-6
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Lead Free Plating (NiPdAu Finish over Copper Leadframe).
Terminals: Solderable per MIL-STD-202, Method 208
Weight: 0.003 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN2120UFCL-7
U-DFN1616-6 (Type K)
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2019
2020
2021
2022
2023
2024
2025
2026
Code
G
H
I
J
K
L
M
N
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
U-DFN1616-6 (Type K)
Device Symbol
Bottom View
Top View
Top View
Pin-Out
CN1 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: G = 2019)
M = Month (ex: 9 = September)
CN1
YM
ESD PROTECTED
e4
Pin 1


Número de pieza similar - DMN2120UFCL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN2100UDM DIODES-DMN2100UDM Datasheet
117Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS31186 Rev. 4 - 2
DMN2100UDM-7 DIODES-DMN2100UDM-7 Datasheet
117Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS31186 Rev. 4 - 2
DMN2100UDM DIODES-DMN2100UDM_15 Datasheet
207Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN2104L DIODES-DMN2104L Datasheet
130Kb / 4P
N-CHANNEL ENHANCEMENT MODE MOSFET
DS31560 Rev. 1 - 2
DMN2104L-7 DIODES-DMN2104L-7 Datasheet
130Kb / 4P
N-CHANNEL ENHANCEMENT MODE MOSFET
DS31560 Rev. 1 - 2
More results

Descripción similar - DMN2120UFCL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com