Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M25P16-VMF3G Datasheet(PDF) 44 Page - STMicroelectronics

No. de pieza M25P16-VMF3G
Descripción Electrónicos  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF3G Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M25P16-VMF3G Datasheet HTML 40Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 41Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 42Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 43Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 44Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 45Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 46Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 47Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
DC and AC parameters
M25P16
44/55
Figure 23.
Serial input timing
tSE
(6)
Sector Erase cycle time
0.8
3
s
tBE
(6)
Bulk Erase cycle time
17
40
s
1.
Preliminary data.
2.
tCH + tCL must be greater than or equal to 1/ fC
3.
Value guaranteed by characterization, not 100% tested in production.
4.
Expressed as a slew-rate.
5.
Only applicable as a constraint for a WRSR instruction when SRWD is set at 1.
6.
Typical values given for TA = 85 °C.
7.
int(A) corresponds to the upper integer part of A. E.g. int(12/8) = 2, int(32/8) = 4 int(15.3) =16.
Table 17.
AC characteristics (25 MHz operation, Grade 3)(1) (continued)
Test conditions specified in Table 10 and Table 12
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
C
D
AI01447C
S
MSB IN
Q
tDVCH
High Impedance
LSB IN
tSLCH
tCHDX
tCHCL
tCLCH
tSHCH
tSHSL
tCHSH
tCHSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com