Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M25P16-VMF3G Datasheet(PDF) 23 Page - STMicroelectronics

No. de pieza M25P16-VMF3G
Descripción Electrónicos  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF3G Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M25P16-VMF3G Datasheet HTML 19Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 20Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 21Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 22Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 23Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 24Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 25Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 26Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
M25P16
Instructions
23/55
Figure 11.
Read Status Register (RDSR) instruction sequence and data-out
sequence
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI02031E
Q
7
6543210
Status Register Out
High Impedance
MSB
7
6543210
Status Register Out
MSB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com