Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M25P16-VMF3G Datasheet(PDF) 41 Page - STMicroelectronics

No. de pieza M25P16-VMF3G
Descripción Electrónicos  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF3G Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M25P16-VMF3G Datasheet HTML 37Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 38Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 39Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 40Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 41Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 42Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 43Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 44Page - STMicroelectronics M25P16-VMF3G Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
M25P16
DC and AC parameters
41/55
Table 16.
AC characteristics (Grade 6, T9HX (0.11µm) technology)(1)
Applies only to products made with T9HX (0.11µm) Technology, identified with Process digit
“4”(2)
Test conditions specified in Table 10 and Table 12
Symbol Alt.
Parameter
Min.
Typ.(3)
Max.
Unit
fC
fC
Clock Frequency for the following instructions:
FAST_READ, PP, SE, BE, DP, RES, WREN,
WRDI, RDID, RDSR, WRSR
D.C.
50
MHz
fR
Clock Frequency for READ instructions
D.C.
33
MHz
tCH
(4)
tCLH Clock High Time
9
ns
tCL
(3)
tCLL Clock Low Time
9
ns
tCLCH
(5)
Clock Rise Time(6) (peak to peak)
0.1
V/ns
tCHCL
(5)
Clock Fall Time(6) (peak to peak)
0.1
V/ns
tSLCH
tCSS S Active Setup Time (relative to C)
5
ns
tCHSL
S Not Active Hold Time (relative to C)
5
ns
tDVCH
tDSU Data In Setup Time
2
ns
tCHDX
tDH Data In Hold Time
5
ns
tCHSH
S Active Hold Time (relative to C)
5
ns
tSHCH
S Not Active Setup Time (relative to C)
5
ns
tSHSL
tCSH S Deselect Time
100
ns
tSHQZ
(5)
tDIS Output Disable Time
8
ns
tCLQV
tV Clock Low to Output Valid
8
ns
tCLQX
tHO Output Hold Time
0
ns
tHLCH
HOLD Setup Time (relative to C)
5
ns
tCHHH
HOLD Hold Time (relative to C)
5
ns
tHHCH
HOLD Setup Time (relative to C)
5
ns
tCHHL
HOLD Hold Time (relative to C)
5
ns
tHHQX
(5)
tLZ HOLD to Output Low-Z
8
ns
tHLQZ
(5)
tHZ HOLD to Output High-Z
8
ns
tWHSL
(7)
Write Protect Setup Time
20
ns
tSHWL
(7)
Write Protect Hold Time
100
ns
tDP
(5)
S High to Deep Power-down Mode
3
µs
tRES1
(5)
S High to Standby Mode without Electronic
Signature Read
30
µs
tRES2
(5)
S High to Standby Mode with Electronic
Signature Read
30
µs
tW
Write Status Register Cycle Time
1.3
15
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com