| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74HC166PW Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HC166PW Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved |
|
13 / 17 page ![]() Nexperia 74HC166; 74HCT166 8-bit parallel-in/serial out shift register 11. Package outline X w M θ A A1 A2 bp D HE Lp Q detail X E Z e c L v M A (A ) 3 A 8 9 1 16 y pin 1 index UNIT A max. A1 A2 A3 bp c D(1) E(1) (1) e HE L Lp Q Z y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 10.0 9.8 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 DIMENSIONS (inch dimensions are derived from the original mm dimensions) Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 SOT109-1 99-12-27 03-02-19 076E07 MS-012 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.39 0.38 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.020 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 0 2.5 5 mm scale SO16: plastic small outline package; 16 leads; body width 3.9 mm SOT109-1 Fig. 12. Package outline SOT109-1 (SO16) 74HC_HCT166 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet Rev. 5 — 9 August 2021 13 / 17 |