Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9923ABBCZ Datasheet(PDF) 68 Page - Analog Devices

No. de pieza AD9923ABBCZ
Descripción Electrónicos  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9923ABBCZ Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9923ABBCZ Datasheet HTML 64Page - Analog Devices AD9923ABBCZ Datasheet HTML 65Page - Analog Devices AD9923ABBCZ Datasheet HTML 66Page - Analog Devices AD9923ABBCZ Datasheet HTML 67Page - Analog Devices AD9923ABBCZ Datasheet HTML 68Page - Analog Devices AD9923ABBCZ Datasheet HTML 69Page - Analog Devices AD9923ABBCZ Datasheet HTML 70Page - Analog Devices AD9923ABBCZ Datasheet HTML 71Page - Analog Devices AD9923ABBCZ Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
AD9923A
Rev. 0 | Page 68 of 88
UPDATING NEW REGISTER VALUES
The AD9923A internal registers are updated at different times,
depending on the particular register. Table 44 summarizes the
four types of register updates. The register listing (Table 45
through Table 57) also contain a column with update type to
identify when each register is updated:
•
SCK Updated
—Some registers are updated when the 28th
data bit (D27) is written. These registers are used for
functions, such as power-up and reset, that do not require
gating with the next VD boundary.
•
VD Updated
—Many of the registers are updated at the
next VD falling edge. By updating these values at the next
VD edge, the current field is not corrupted, and the new
register values are applied to the next field. The VD update
can be further delayed, past the VD falling edge, by using
the UPDATE register (Address 0x18). This delays the
VD-updated register updates to any desired HD line in the
field. Note that the field registers are not affected by the
UPDATE register.
•
SG Updated
—A few shutter registers are updated at the
HD falling edge at the end of an SG active line. These
registers control the SUBCK signal; therefore, the SUBCK
output is not updated until the SG line is complete.
•
SCP Updated
—All V-pattern and V-sequence registers are
updated at the next SCP where they will be used. For
example, in Figure 88, this field has selected Region 1 to
use V-Sequence 3 for the vertical outputs; therefore, a write
to a V-Sequence 3 or V-pattern group register, which is
referenced by V-Sequence 3, is updated at SCP 1. If there
are multiple writes to the same register, only the last one
before SCP1 is updated. Likewise, a register write to a
V-Sequence 5 register is updated at SCP 2, and a register
write to a V-Sequence 8 register is updated at SCP 3.
Table 44. Register Update Locations
Update
Type
Description
SCK
Register is immediately updated when the 28th data
bit (D27) is written.
VD
Register is updated at the VD falling edge. VD
updated registers can be delayed further by using the
UPDATE register at Address 0x18. Field registers are
not affected by the UPDATE register.
SG
Register is updated at the HD falling edge at the end
of the SG active line.
SCP
Register is updated at the next SCP when the register
is used.
VD
REGION 0
HD
SCP 1
SCP 2
SCP 3
REGION 1
REGION 2
REGION 3
VSG
SGLINE
SCP 0
SERIAL
WRITE
SCK
UPDATED
SCP 0
VD
UPDATED
SG
UPDATED
SCP
UPDATED
V1A TO V10
USE VSEQ2
USE VSEQ3
USE VSEQ5
USE VSEQ8
Figure 88. Register Update Locations (See Table 44 for Definitions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88