Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S29CD032J1MQAI003 Datasheet(PDF) 18 Page - SPANSION

No. de pieza S29CD032J1MQAI003
Descripción Electrónicos  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J1MQAI003 Datasheet(HTML) 18 Page - SPANSION

Back Button S29CD032J1MQAI003 Datasheet HTML 14Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 15Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 16Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 17Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 18Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 19Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 20Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 21Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
16
S29CD-J & S29CL-J Flash Family
S29CD-J_CL-J_00_B1 September 27, 2006
Data
Sheet
(Pre limin ar y)
Notes
1. This sector has the additional WP# pin sector protection feature.
2. The bank address is determined by A18 and A17. BA = 00, 01, or 10 for Bank 0 and BA = 11 for Bank 1.
3. Secured Silicon Sector overlays this sector when enabled.
Table 7.2 S29CD016J/CL016J (Bottom Boot) Sector and Memory Address Map
Sector
Sector
Group
x32 Address
Range (A18:A0)
Sector Size
(KDwords)
Sector
Sector
Group
x32
Address Range
(A18:A0)
Sector Size
(KDwords)
SA0 (Note 1)
SG0
00000h–007FFh
2
SA31
SG14
60000h–63FFFh
16
SA1 (Note 1)
SG1
00800h–00FFFh
2
SA32
64000h–67FFFh
16
SA2
SG2
01000h–017FFh
2
SA33
68000h–6BFFFh
16
SA3
SG3
01800h–01FFFh
2
SA34
6C000h–6FFFFh
16
SA4
SG4
02000h–027FFh
2
SA35
SG15
70000h–73FFFh
16
SA5
SG5
02800h–02FFFh
2
SA36
74000h–77FFFh
16
SA6
SG6
03000h–037FFh
2
SA37
78000h–7BFFFh
16
SA7
SG7
03800h–03FFFh
2
SA38
SG16
7C000h–7C7FFh
2
SA8
SG8
04000h–07FFFh
16
SA39
SG17
7C800h–7CFFFh
2
SA9
08000h–0BFFFh
16
SA40
SG18
7D000h–7D7FFh
2
SA10
0C000h–0FFFFh
16
SA41
SG19
7D800h–7DFFFh
2
SA11
SG9
10000h–13FFFh
16
SA42
SG20
7E000h–7E7FFh
2
SA12
14000h–17FFFh
16
SA43
SG21
7E800h–7EFFFh
2
SA13
18000h–1BFFFh
16
SA44
SG22
7F000h–7F7FFh
2
SA14
1C000h–1FFFFh
16
SA45
(Note 3)
SG23
7F800h–7FFFFh
2
SA15
SG10
20000h–23FFFh
16
SA16
24000h–27FFFh
16
SA17
28000h–2BFFFh
16
SA18
2C000h–2FFFFh
16
SA19
SG11
30000h–33FFFh
16
SA20
34000h–37FFFh
16
SA21
38000h–3BFFFh
16
SA22
3C000h–3FFFFh
16
SA23
SG12
40000h–43FFFh
16
SA24
44000h–47FFFh
16
SA25
48000h–4BFFFh
16
SA26
4C000h–4FFFFh
16
SA27
SG13
50000h–53FFFh
16
SA28
54000h–57FFFh
16
SA29
58000h–5BFFFh
16
SA30
5C000h–5FFFFh
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com