Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S29CD032J1MQAI003 Datasheet(PDF) 45 Page - SPANSION

No. de pieza S29CD032J1MQAI003
Descripción Electrónicos  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J1MQAI003 Datasheet(HTML) 45 Page - SPANSION

Back Button S29CD032J1MQAI003 Datasheet HTML 41Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 42Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 43Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 44Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 45Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 46Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 47Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 48Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 49Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
September 27, 2006 S29CD-J_CL-J_00_B1
S29CD-J & S29CL-J Flash Family
43
Da ta
Shee t
(Prelim i nar y )
If the system asserts VIL on the WP# pin, the device disables program and erase functions in the two
“outermost” boot sectors (8-Kbyte sectors) in the large bank. If the system asserts VIH on the WP# pin, the
device reverts to whether the boot sectors were last set to be protected or unprotected. That is, sector
protection or unprotection for these sectors depends on whether they were last protected or unprotected.
Note that the WP# pin must not be left floating or unconnected as inconsistent behavior of the device may
result.
The WP# pin must be held stable during a command sequence execution
9.6.2
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not accept any write cycles. This protects data during VCC
power-up and power-down.
The command register and all internal program/erase circuits are disabled, and the device resets to reading
array data. Subsequent writes are ignored until VCC is greater than VLKO. The system must provide the
proper signals to the control inputs to prevent unintentional writes when VCC is greater than VLKO.
9.6.3
Write Pulse “Glitch Protection”
Noise pulses of less than 5 ns (typical) on OE#, CE# or WE# do not initiate a write cycle.
9.6.4
Power-Up Write Inhibit
If WE# = CE# = RESET# = VIL and OE# = VIH during power-up, the device does not accept commands on the
rising edge of WE#. The internal state machine is automatically reset to the read mode on power-up.
9.6.5
VCC and VIO Power-up And Power-down Sequencing
The device imposes no restrictions on VCC and VIO power-up or power-down sequencing. Asserting RESET#
to VIL is required during the entire VCC and VIO power sequence until the respective supplies reach the
operating voltages. Once, VCC and VIO attain the operating voltages, deassertion of RESET# to VIH is
permitted.
9.6.6
Logical Inhibit
Write cycles are inhibited by holding any one of OE# = VIL, CE# = VIH, or WE# = VIH. To initiate a write cycle,
CE# and WE# must be a logical zero (VIL) while OE# is a logical one (VIH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com