Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S29CD032J1MQAI003 Datasheet(PDF) 51 Page - SPANSION

No. de pieza S29CD032J1MQAI003
Descripción Electrónicos  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J1MQAI003 Datasheet(HTML) 51 Page - SPANSION

Back Button S29CD032J1MQAI003 Datasheet HTML 47Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 48Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 49Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 50Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 51Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 52Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 53Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 54Page - SPANSION S29CD032J1MQAI003 Datasheet HTML 55Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 76 page
background image
September 27, 2006 S29CD-J_CL-J_00_B1
S29CD-J & S29CL-J Flash Family
49
Da ta
Shee t
(Prelim i nar y )
15.1
Zero Power Flash
Figure 15.1 ICC1 Current vs. Time (Showing Active and Automatic Sleep Currents)
Note
Addresses are switching at 1 MHz
Figure 15.2 Typical ICC1 vs. Frequency
0
500
1000
1500
2000
2500
3000
3500
4000
0
1
2
3
4
Time in ns
2.7 V
12
3
45
0
1
2
3
4
5
Frequency in MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com