| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSP96002UM/AD Datasheet(PDF) 80 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP96002UM/AD Datasheet(HTML) 80 Page - NXP Semiconductors |
|
80 / 111 page ![]() Packaging CQFP Package 3-20 DSP96002/D, Rev. 2 MOTOROLA Figure 3-6 DSP96002 Mechanical Information, 240-pin CQFP Package CASE 988-01 ISSUE E NOTES: 1. ALL DIMENSIONS AND TOLERANCES CONFORM TO ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DATUM PLANE H IS LOCATED AT BOTTOM OF LEADS WHERE THEY EXIT THE BODY. 1. 4. DATUMS L, M, AND N TO BE DETERMINED AT DATUM PLANE H. 2. 5. DIMENSIONS S AND V TO BE DETERMINED AT SEATING PLANE DATUM T. 3. 6. DIMENSIONS A AND B DEFINE MAXIMUM CERAMIC BODY DIMENSIONS INCLUDING GLASS PROTRUSION AND TOP AND BOTTOM MISMATCH. (AB) θ2 (AA) K R 1 θ (R) VIEW AE DIM MIN MAX MILLIMETERS A 30.86 31.75 B 30.86 31.75 C 3.75 4.15 D 0.18 0.30 E 3.10 3.90 F 0.17 0.23 G 0.50 BSC J 0.13 0.175 K 0.45 0.55 P 0.25 BSC R 0.15 BSC S 34.60 BSC U 17.30 BSC V 34.60 BSC W Y 17.30 BSC Z 0.12 0.13 AA 1.80 REF AB 0.95 REF θ1 2 ° 6 ° θ2 1 ° 7 ° 0.04 0.24 1 240 180 181 61 120 121 60 A VIEW AC 4 PLACES L-N M 0.20 M H L-N 0.30 M T 4X 6 0 TIPS S U Y L V N B M VIEW AE W C E 0.10 T SEATING PLANE T H AD AD X = L, M OR N VIEW AC X P G Z D F J L-N M 0.08 M T 240 PLACES SECTION AD Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |