| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U595QJ Datasheet(PDF) 131 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595QJ Datasheet(HTML) 131 Page - STMicroelectronics |
|
131 / 377 page ![]() - 60 H11 82 U1 N3 K12 K11 N14 - 60 H11 82 K12 PD13 I/O FT_fha - TIM4_CH2, I2C4_SDA, USART6_CTS, LCD_VSYNC, TSC_G6_IO4, LPGPIO1_P6, FMC_A18, LPTIM4_IN1, LPTIM2_CH1, EVENTOUT ADC4_IN17 - - -83 T2 C7 J12 G4 F9 - - -83 J12 VSS S - - - - - - - 84 R1 AC9 A11 R2 L9 - - - 84 J13 VDD S - - - - - 61 H10 85 N3 P2 J10 N10 N15 - 61 H10 85 J10 PD14 I/O FT_h - TIM4_CH3, USART6_CK, LCD_B2, FMC_D0, LPTIM3_CH1, EVENTOUT - - 62 H12 86 P2 R1 J11 K9 K12 - 62 H12 86 J11 PD15 I/O FT_h - TIM4_CH4, USART6_RTS_DE, LCD_B3, FMC_D1, LPTIM3_CH2, EVENTOUT - - - G10 87 N1 N1 K13 F9 G12 - - G10 87 K13 PG2 I/O FT_hs - SPI1_SCK, FMC_A12, SAI2_SCK_B, EVENTOUT - Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |