Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32U595QJ Datasheet(PDF) 134 Page - STMicroelectronics

No. de pieza STM32U595QJ
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 130Page - STMicroelectronics STM32U595QJ Datasheet HTML 131Page - STMicroelectronics STM32U595QJ Datasheet HTML 132Page - STMicroelectronics STM32U595QJ Datasheet HTML 133Page - STMicroelectronics STM32U595QJ Datasheet HTML 134Page - STMicroelectronics STM32U595QJ Datasheet HTML 135Page - STMicroelectronics STM32U595QJ Datasheet HTML 136Page - STMicroelectronics STM32U595QJ Datasheet HTML 137Page - STMicroelectronics STM32U595QJ Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 377 page
background image
39
65 E12
98
G1
K4
G10 D7
A14
39
65
E12
98
G10
PC8
I/O
FT_a
-
SRDSTOP, TIM3_CH3,
TIM8_CH3,
USART6_RX,
TSC_G4_IO3,
DCMI_D2/PSSI_D2,
SDMMC1_D0,
LPTIM3_CH1,
EVENTOUT
-
40
66 E11
99
H2
L5
G9
D9
C14
40
66
E11
99
G9
PC9
I/O
FT_a
-
TRACED0,
TIM8_BKIN2,
TIM3_CH4, TIM8_CH4,
DCMI_D3/PSSI_D3,
USART6_TX,
TSC_G4_IO4,
SDMMC1_D1,
LPTIM3_CH2,
EVENTOUT
-
41
67 D12 100
G3
H4
G7
C8
A13
41
67
D12 100
G7
PA8
I/O
FT_hv
-
MCO, TIM1_CH1,
SAI1_CK2, SPI1_RDY,
USART1_CK,
OTG_HS_SOF,
TRACECLK,
SAI1_SCK_A,
LPTIM2_CH1,
EVENTOUT
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions