Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32U595QJ Datasheet(PDF) 135 Page - STMicroelectronics

No. de pieza STM32U595QJ
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 131Page - STMicroelectronics STM32U595QJ Datasheet HTML 132Page - STMicroelectronics STM32U595QJ Datasheet HTML 133Page - STMicroelectronics STM32U595QJ Datasheet HTML 134Page - STMicroelectronics STM32U595QJ Datasheet HTML 135Page - STMicroelectronics STM32U595QJ Datasheet HTML 136Page - STMicroelectronics STM32U595QJ Datasheet HTML 137Page - STMicroelectronics STM32U595QJ Datasheet HTML 138Page - STMicroelectronics STM32U595QJ Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 377 page
background image
42
68 D10 101
F2
F2
G11
C6
E12
42
68
D10 101 G11
PA9
I/O
FT_u
-
TIM1_CH2, SPI2_SCK,
DCMI_D0/PSSI_D0,
USART1_TX(boot),
SAI1_FS_A,
TIM15_BKIN,
EVENTOUT
OTG_HS
_VBUS
43
69 D11 102
E3
G3
F11
C4
D12
43
69
D11 102 F11
PA10
I/O
FT_u
-
CRS_SYNC,
TIM1_CH3,
LPTIM2_IN2, SAI1_D1,
DCMI_D1/PSSI_D1,
USART1_RX(boot),
OTG_HS_ID,
SAI1_SD_A,
TIM17_BKIN,
EVENTOUT
-
-
-
--
-
-
-
D1
F11
--
-
-
-
VDD11USB
S
-
-
-
-
44
70 C12 103
E1
E1
G13 C2
B14
44
70
C12 103 G13
PA11
I/O
TT
(5)
TIM1_CH4,
TIM1_BKIN2,
SPI1_MISO,
USART1_CTS,
FDCAN1_RX,
EVENTOUT
OTG_HS_
DM(boot)
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions