Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2421CMS Datasheet(PDF) 32 Page - Linear Technology

No. de pieza LTC2421CMS
Descripción Electrónicos  1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2421CMS Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2421CMS Datasheet HTML 24Page - Linear Technology LTC2421CMS Datasheet HTML 25Page - Linear Technology LTC2421CMS Datasheet HTML 26Page - Linear Technology LTC2421CMS Datasheet HTML 27Page - Linear Technology LTC2421CMS Datasheet HTML 28Page - Linear Technology LTC2421CMS Datasheet HTML 29Page - Linear Technology LTC2421CMS Datasheet HTML 30Page - Linear Technology LTC2421CMS Datasheet HTML 31Page - Linear Technology LTC2421CMS Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC2421/LTC2422
24212f
LT/TP 0202 2K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2002
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1019
Precision Bandgap Reference, 2.5V, 5V
3ppm/
°C Drift, 0.05% Max
LTC1050
Precision Chopper Stabilized Op Amp
No External Components 5
µV Offset, 1.6µVP-P Noise
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max, 5ppm/
°C Drift
LTC1391
8-Channel Multiplexer
Low RON: 45Ω, Low Charge Injection Serial Interface
LT1461-2.5
Precision Micropower Voltage Reference
50
µA Supply Current, 3ppm/°C Drift
LTC1535
Isolated RS485 Transceiver
2500VRMS Isolation
LTC2400
24-Bit, No Latency
∆Σ ADC in SO-8
4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2401/LTC2402
1-/2-Channel, 24-Bit, No Latency
∆Σ ADC in MSOP
0.6ppm Noise, 4ppm INL, Pin Compatible with the LTC2421/LTC2422
LTC2404/LTC2408
4-/8-Channel, 24-Bit, No Latency
∆Σ ADC
4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2413
24-Bit, No Latency
∆Σ ADC
Simultaneous 50Hz and 60Hz Rejection, 0.16ppm Noise
LTC2415
24-Bit, Fully Differential, No Latency
∆Σ ADC
15Hz Output Rate at 60Hz Rejection, Pin Conpatible with the LTC2410
LTC2420
20-Bit, No Latency
∆Σ ADC in SO-8
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2400
LTC2424/LTC2428
4-/8-Channel, 20-Bit, No Latency
∆Σ ADC
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2404/LTC2408
LTC2430
20-Bit, Fully Differential, No Latency
∆Σ ADC in SSOP-16
0.16ppm Noise, 2ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2431
24-Bit, Fully Differential, No Latency
∆Σ ADC in MS10
0.29ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
TYPICAL APPLICATIO
Figure 37 shows the block diagram of a demo circuit
(contact LTC for a demonstration) of a multichannel
isolated temperature measurement system. This circuit
decodes an address to select which LTC2422 receives a
24-bit burst of SCK signal. All devices independently
convert either the thermal couple output or the thermistor
cold junction output. After each conversion, the devices
enter their sleep state and wait for the SCK signal before
clocking out data and beginning the next conversion.
VCC
FSSET
CH1
SDO
SCK
CH0
ZSSET
LTC2422
A
Y
D1
RE
R0
LTC1535
VCC
FSSET
CH1
SDO
SCK
CH0
2500V
ZSSET
LTC2422
A
Y
D1
RE
R0
LTC1535
VCC
FSSET
CH1
SDO
SCK
24212 F37
CH0
ZSSET
LTC2422
A
Y
D1
HC138
HC595
ADDRESS
LATCH
RE
R0
LTC1535
SEE FIGURE 34 FOR
THE COMPLETE CIRCUIT
HC138
SCK
SD0
DIN
(ADDRESS
OR COUNTER)
+
Figure 37. Mulitchannel Isolated Temperature Measurement System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com