Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2421CMS Datasheet(PDF) 10 Page - Linear Technology

No. de pieza LTC2421CMS
Descripción Electrónicos  1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2421CMS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2421CMS Datasheet HTML 6Page - Linear Technology LTC2421CMS Datasheet HTML 7Page - Linear Technology LTC2421CMS Datasheet HTML 8Page - Linear Technology LTC2421CMS Datasheet HTML 9Page - Linear Technology LTC2421CMS Datasheet HTML 10Page - Linear Technology LTC2421CMS Datasheet HTML 11Page - Linear Technology LTC2421CMS Datasheet HTML 12Page - Linear Technology LTC2421CMS Datasheet HTML 13Page - Linear Technology LTC2421CMS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
LTC2421/LTC2422
24212f
APPLICATIO S I FOR ATIO
The LTC2421/LTC2422 are pin compatible with the
LTC2401/LTC2402. The devices are designed to allow the
user to incorporate either device in the same design with
no modifications. While the LTC2421/LTC2422 output word
length is 24 bits (as opposed to the 32-bit output of the
LTC2401/LTC2402), its output clock timing can be identi-
cal to the LTC2401/LTC2402. As shown in Figure 1, the
LTC2421/LTC2422 data output is concluded on the falling
edge of the 24th serial clock (SCK). In order to maintain
drop-in compatibility with the LTC2401/LTC2402, it is
possible to clock the LTC2421/LTC2422 with an additional
8 serial clock pulses. This results in 8 additional output bits
which are always logic HIGH.
Converter Operation Cycle
The LTC2421/LTC2422 are low power, delta-sigma ana-
log-to-digital converters with an easy to use 3-wire serial
interface. Their operation is simple and made up of three
states. The converter operating cycle begins with the con-
version, followed by the sleep state and concluded with the
data output (see Figure 2). The 3-wire interface consists of
serial data output (SDO), a serial clock (SCK) and a chip
select (CS).
Initially, the LTC2421/LTC2422 perform a conversion. Once
the conversion is complete, the device enters the sleep
state. While in this sleep state, power consumption is re-
duced by an order of magnitude if CS is HIGH. The part
remains in the sleep state as long as CS is logic HIGH. The
conversion result is held indefinitely in a static shift regis-
ter while the converter is in the sleep state.
Figure 1. LTC2421/LTC2422 Compatible Timing with the LTC2401/LTC2402
CS
SCK
SDO
CONVERSION
SLEEP
8
8
8
8 (OPTIONAL)
EOC = 1
EOC = 1
LAST 8 BITS ALWAYS 1
EOC = 0
DATA OUT
4 STATUS BITS 20 DATA BITS
DATA OUTPUT
24212 F01
CONVERSION
CONVERT
SLEEP
DATA OUTPUT
24212 F02
0
1
CS AND
SCK
Figure 2. LTC2421/LTC2422 State Transition Diagram
Once CS is pulled LOW and SCK rising edge is applied, the
device begins outputting the conversion result. There is no
latency in the conversion result. The data output corre-
sponds to the conversion just performed. This result is
shifted out on the serial data out pin (SDO) under the
control of the serial clock (SCK). Data is updated on the
falling edge of SCK allowing the user to reliably latch data
on the rising edge of SCK, see Figure 4. The data output
state is concluded once 24 bits are read out of the ADC or
when CS is brought HIGH. The device automatically
initiates a new conversion and the cycle repeats.
Through timing control of the CS and SCK pins, the
LTC2421/LTC2422 offer several flexible modes of opera-
tion (internal or external SCK and free-running conver-
sion modes). These various modes do not require
programming configuration registers; moreover, they do
not disturb the cyclic operation described above. These
modes of operation are described in detail in the Serial
Interface Timing Modes section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com